Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH12N100L Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH12N100L
Description  LinearTM Power MOSFET w/ Extended FBSOA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH12N100L Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH12N100L Datasheet HTML 1Page - IXYS Corporation IXTH12N100L Datasheet HTML 2Page - IXYS Corporation IXTH12N100L Datasheet HTML 3Page - IXYS Corporation IXTH12N100L Datasheet HTML 4Page - IXYS Corporation IXTH12N100L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
LinearTM Power
MOSFET w/ Extended
FBSOA
N-Channel Enhancement Mode
Avalanche Rated
V
DSS
= 1000V
I
D25
= 12A
R
DS(on)
≤≤≤≤≤ 1.3Ω
Ω
Ω
Ω
Ω
DS99126B(04/10)
Features
• International Standard Package
• Designed for Linear Operation
• AvalancheRated
• Molding Epoxy Meets UL94 V-0
Flammability Classification
Advantages
• Easy to Mount
• SpaceSavings
• High Power Density
Applications
• ProgrammableLoads
• CurrentRegulators
• DC-DCConverters
• BatteryChargers
• DCChoppers
• Temperature and Lighting Controls
IXTH12N100L
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1000
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.5
5.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 125°C
500
μA
R
DS(on)
V
GS = 20V, ID = 0.5 • IDSS, Note 1
1.3
Ω
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247
G
S
Tab
D
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
12
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
25
A
I
A
T
C = 25°C
12
A
E
AS
T
C = 25°C
1.5
J
P
D
T
C = 25°C
400
W
T
J
-55...+150
°C
T
JM
150
°C
T
stg
-55...+150
°C
T
L
1.6mm (0.063 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in.
Weight
6
g


Similar Part No. - IXTH12N100L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH12N100L ISC-IXTH12N100L Datasheet
377Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH12N100L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN200N10L2 IXYS-IXTN200N10L2 Datasheet
170Kb / 6P
Linear L2TM Power MOSFET w/ Extended FBSOA
IXTK60N50L2 IXYS-IXTK60N50L2 Datasheet
164Kb / 5P
LinearL2 Power MOSFET w/Extended FBSOA
IXTK90N25L2 IXYS-IXTK90N25L2 Datasheet
163Kb / 5P
LinearL2 Power MOSFET w/Extended FBSOA
IXTH30N60L2 IXYS-IXTH30N60L2 Datasheet
147Kb / 5P
Linear L2 Power MOSFET with extended FBSOA
IXTK200N10L2 IXYS-IXTK200N10L2 Datasheet
139Kb / 5P
Linear L2 Power MOSFET w/ Extended FBSOA
IXTK46N50L IXYS-IXTK46N50L Datasheet
122Kb / 5P
Linear Power MOSFET With Extended FBSOA
IXTK20N150 IXYS-IXTK20N150 Datasheet
148Kb / 5P
High Voltage Power MOSFET Extended FBSOA
IXTN8N150L IXYS-IXTN8N150L Datasheet
155Kb / 5P
Linear Power MOSFET w/Extended FBSOA
IXTN22N100L IXYS-IXTN22N100L Datasheet
167Kb / 5P
LinearTM Power MOSFET w/ Extended FBSOA
IXTB62N50L IXYS-IXTB62N50L Datasheet
155Kb / 5P
Linear Power MOSFET w/Extended FBSOA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com