Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MS1T1B2M2RE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2MS1T1B2M2RE
Description  Toggle Switches Sub-Miniature
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2MS1T1B2M2RE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2MS1T1B2M2RE Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 2Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 3Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 4Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Toggle Switches
Sub-Miniature
Page <5>
06/06/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Soldering Process:
Manual soldering
: Use soldering iron of 30 watts, controlled at 350°C approximately 5 s while applying solder.
Wave soldering
: Recommended soldering temperature : 260 ±5°C.
: Duration of solder immersion
: Maximum 5 s (PCB is 1.6 mm in thickness).
Contact Plating
Terminal Plating
Ratings
R
Gold
R = Gold
0.4 Volt - Amperes (VA) maximum at 20 V maximum (AC or DC)
Contact Material Options
Soldering : Vapour phase
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com