Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN005ST Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACDN005ST
Description  P/ACTIVE SCHOTTKY DIODE HIGH SPEED BUS TERMINATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN005ST Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACDN005ST Datasheet HTML 1Page - California Micro Devices Corp PACDN005ST Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CALIFORNIA MICRO DEVICES
PACDN005
2/00
1
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
©2000 California Micro Devices Corp. All rights reserved.
Features
• 36 integrated diodes in a single package
offers 18 channel, dual rail clamping action
• Provides proper bus termination independent of
external line or card loading conditions
• Schottky diode technology; excellent forward
voltage and reverse recovery characteristics
• 24-pin QSOP package saves board space and
eases layout in space critical bus termination
applications versus discrete approaches
Product Description
Note: CMD’s P/Active DN005 Schottky Diode High Speed Bus Terminator is an upgraded version of the original PDN001 or
IPEC DN001 Diode Array. PACDN005 provides minimized lead inductance and parasitic capacitive effects (with added ground
pins), improved forward voltage and crosstalk attributes, and excellent termination performance characteristics at high data
transmission rates. The PACDN005 is recommended for all new designs.
Reflections on high speed data lines lead to undershoot and overshoot disturbances which may result in improper system
operation. Resistor terminations, when used to terminate high speed data lines, increase power consumption and degrade
output (high) levels resulting in reduced noise immunity. Schottky diode termination is the best overall solution for applica-
tions in which power consumption and noise immunity are critical considerations.
CMD’s P/Active DN005 Schottky Diode High Speed Bus Terminator† is specifically designed to minimize undershoot/over-
shoot disturbances caused by reflection noise on high speed bus lines such as v2.1 66MHz PCI buses, all varieties of RISC
embedded processor/control local buses, synchronous DRAM, and other high speed memory bus termination applications.
This highly integrated Schottky diode network provides very effective termination performance for high speed data lines under
variable loading conditions. The device supports up to 18 terminated lines per package — each of which can be simulta-
neously clamped to both ground and power supply rail. A typical bus termination application will utilize three PAC DN005
devices to replace approximately 50 conventional Schottky diode pairs; thus providing significant reductions in component
and assembly costs, improvements in manufacturing efficiency and reliability, and savings in allocated board area for space-
critical designs.
Applications
• PCI v2.1 Bus Termination for Intel-based Pentium®
and Pentium Pro systems
• Local high speed bus termination for all popular
RISC and embedded microprocessor applications
• High speed memory and SDRAM Memory
Bus Termination
P/ACTIVE SCHOTTKY DIODE HIGH SPEED BUS TERMINATOR
Refer to AP-201 Termination Application Note for
further information.
SCHEMATIC CONFIGURATION
24
1
2
3
4
5
6789
10
11
12
23
22
21
20
19
18
13
14
17
15
16
VDD
VDD
VDD
GND
GND
GND


Similar Part No. - PACDN005ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN002 CALMIRCO-PACDN002 Datasheet
137Kb / 3P
17 CHANNEL ESD PROTECTION ARRAY
PACDN002Q CALMIRCO-PACDN002Q Datasheet
137Kb / 3P
17 CHANNEL ESD PROTECTION ARRAY
PACDN002S CALMIRCO-PACDN002S Datasheet
137Kb / 3P
17 CHANNEL ESD PROTECTION ARRAY
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
2 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004 Datasheet
107Kb / 9P
2-Channel ESD Protection Array
May 2010 Rev. 3
More results

Similar Description - PACDN005ST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
SCSI Active Terminator
logo
California Micro Device...
PACDN010 CALMIRCO-PACDN010 Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
SN74S1051 CALMIRCO-SN74S1051 Datasheet
172Kb / 2P
12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
ON Semiconductor
MCCS142236 ONSEMI-MCCS142236 Datasheet
159Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
February, 2010 ??Rev. 6
MCCS142238 ONSEMI-MCCS142238 Datasheet
89Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
1997 REV 2
logo
Texas Instruments
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
logo
Pan Jit International I...
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com