Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SICF3S100V2 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SICF3S100V2
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SICF3S100V2 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SICF3S100V2 Datasheet HTML 1Page - SEC Electronics Inc. SICF3S100V2 Datasheet HTML 2Page - SEC Electronics Inc. SICF3S100V2 Datasheet HTML 3Page - SEC Electronics Inc. SICF3S100V2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SICF3SV2
Current Sensors
2
V2.00
May 1, 2012
General Description
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between
the primary circuit (high power) and the secondary circuit (electronic circuit)
Parameters Table
PARAMETERS
SYMBOL
UNIT
VALUE
CONDITIONS
Electrical data
Supply voltage(±5%)
VC
V
±15
Current consumption
IC
mA
22+Is
Secondary nominal r.m.s. current
ISN
mA
50
IPN=100A
100
IPN=200A
150
IPN=300A
Conversion ratio
KN
1:2000
R. m. s voltage for AC isolation test
Vd
KV
6
@50Hz, 1 min
Accuracy - Dynamic performance data
Linearity
ε
L
%
<±0.1
Accuracy
XG
%
<±0.5
@ IPN , TA = 25°C
Offset current
IO
mA
<±0.2
@ IP = 0,TA = 25°C
Thermal drift of Io
IOT
mA
±0.6
@ IP = 0,-10~+70°C
Response time
tr
µS
<1
@ 90% of IPN step
di/dt accurately followed
di/dt
A/µS
>100
Frequency bandwidth (1)
BW
kHz
DC~100
@-3dB
General data
Ambient operating temperature
TA
℃
-40 ~ +85
Ambient storage temperature
TS
℃
-40 ~ +105
Secondary coil resistance
Rs
Ω
28
@ TA = 70°C
Notes:
1)
Please refer to derating curves in the technical file to avoid excessive core heating at high
frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com