Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOY2SV2 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SIOY2SV2
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOY2SV2 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SIOY2SV2 Datasheet HTML 1Page - SEC Electronics Inc. SIOY2SV2 Datasheet HTML 2Page - SEC Electronics Inc. SIOY2SV2 Datasheet HTML 3Page - SEC Electronics Inc. SIOY2SV2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIOY2SV2
Current Sensors
2
V2.00
May 1, 2012
Parameters Table
PARAMETERS
SYMBOL
UNIT
VALUE
CONDITIONS
Electrical data
Supply voltage(±5%)
(1)
VC
V
±15
Current consumption
IC
mA
±15
Output voltage
Vout
mV
±4V±40
@ ± IPN, RL = 10 k
Ω,
TA = 25°C
Overload capability(1ms)
IPC
At
50*IPN
Isolation resistance
RIS
M
Ω
>1000
@ 500 VDC
Output internal resistance
ROUT
Ω
100
Load resistance
(2)
RL
>
10
R. m. s voltage for AC
isolation test
Vd
KV
3
@50, 1 min
R. m. s rated voltage、safe
separation
Vb
V
500
Accuracy - Dynamic performance data
Linearity
(3)(0…±I
PN)
ε
L
% of IPN
<±1
Accuracy
X
% of IPN
<±1.5
@ IPN, TA = 25°C
(excluding offset)
Electrical offset voltage
VOE
mV
<±20
@TA = 25°C
Hysteresis offset voltage
VOH
mV
<±20
@ IP= 0
after an excursion of 1* IPN
Temperature coefficient of VOE
TCVOE
mV/K
<±2
@SIOY2S50-75V2
<±3
@SIOY2S100-600V2
Temperature coefficient of
VOUT
TCVOUT
%/K
<±0.1
@% of reading
Response time
tr
μS
<3
@ 90% of IPN step
di/dt accurately followed
di/dt
A/μS
>50
Frequency bandwidth
(4)
BW
kHz
DC~50
@-3dB
General data
Ambient operating temperature
TA
°C
-20 ~ +85
Ambient storage temperature
TS
°C
-40 ~ +105
Notes:
1)
Operating at ±12V ≤VC<±15V will reduce the measuring range.
2)
If the customer uses 1 KΩ of the load resistor, the primary current has to be limited as the
nominal. To measure the full defined measuring range, the load resistor should be at minimum 10
KΩ.
3)
Linearity data exclude the electrical offset.
4)
Please refer to derating curves in the technical file to avoid excessive core heating at high
frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com