Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPGP0280A Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # SPGP0280A
Description  Variable frequency operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPGP0280A Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  SPGP0280A Datasheet HTML 1Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
800
I
D
Drain Current
– Continuous (T
C = 25
2.0
Drain Current
– Continuous (T
C = 100
1.3
I
DM
Drain Current
– Pulsed
(Note 1)
8
V
GS
Gate-Source Voltage
30
E
AS
Single Pulsed Avalanche Energy
(Note 2)
90
V
CC(MAX)
Maximum Supply voltage
20
V
FB
Analog Input Voltage Range
-0.3 To VSD
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
35
0.28
T
J
Operating Junction Temperature
+160
T
A
Operating Ambient Temperature
-25 to +85
T
STG
Storage Temperature Range
-55 to +150
Absolute Maximum Ratings
Ta=25 C, unless otherwise specified
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=51mH, I
AS=2.0A, VDD=50V, RG=25
, Starting T
J =25 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com