Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACUSB200 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACUSB200
Description  USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB200 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACUSB200 Datasheet HTML 1Page - California Micro Devices Corp PACUSB200 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2000 California Micro Devices Corp. All rights reserved.
12/28/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PACUSB200
CALIFORNIA MICRO DEVICES
Standard Specifications
Absolute Tolerance (15K
Ω Resistors)
±10%
Absolute Tolerance (33
Ω Resistors)
±5%
Absolute Tolerance (47pF Capacitors)
±20%
Operating Temperature Range
0
˚C to 70˚C
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
>4KV*
In System Protection (Note 1)
>6KV*
Package
16 pin QSOP
*Guaranteed by design
Note 1: Pins 3, 6, 11, and 14 grounded
Pins 1, 8, 9, 10, 12, 13, 15, and 16 open
Contact discharge between pins
2, 4, 5, and 7 to ground, one at a time
Application Diagram
R2
15K
Half of PACUSB200
R1 33
D+
R1 33
D–
PACUSB100
USB Upstream Port
USB Downstream Port
C1
47pF
C1
47pF
C1
47pF
C1
47pF
D–
D+
D–
D+
R3
1.5K
VDD
R1 33
R1 33



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com