Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRC200 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PRC200
Description  EMI/RFIT-FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC200 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PRC200 Datasheet HTML 1Page - California Micro Devices Corp PRC200 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2000 California Micro Devices Corp. All rights reserved.
7/14/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PRC200/210
CALIFORNIA MICRO DEVICES
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
)
C
(
e
c
n
a
r
e
l
o
t
e
t
u
l
o
s
b
A%
0
2
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
P
W
m
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
5
6
-
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
P.
x
a
m
,
W
0
0
.
1
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
T
0
0
5
/
0
0
40
2C
I
O
ST
/
M
0
0
5
/
K
0
0
4
0
0
2
C
R
PR
/
M
0
0
5
/
K
0
0
4
0
0
2
C
R
PM
0
0
5
/
K
0
0
4
0
0
2
C
R
P
T
0
3
3
/
0
7
40
2C
I
O
ST
/
M
0
3
3
/
K
0
7
4
0
0
2
C
R
PR
/
M
0
3
3
/
K
0
7
4
0
0
2
C
R
PM
0
3
3
/
K
0
7
4
0
0
2
C
R
P
T
1
0
1
/
1
0
10
2C
I
O
ST
/
M
1
0
1
/
K
1
0
1
0
0
2
C
R
PR
/
M
1
0
1
/
K
1
0
1
0
0
2
C
R
PM
1
0
1
/
K
1
0
1
0
0
2
C
R
P
T
0
7
4
/
0
5
10
2P
O
S
QT
/
M
0
7
4
/
K
0
5
1
0
1
2
C
R
PR
/
M
0
7
4
/
K
0
5
1
0
1
2
C
R
PM
0
7
4
/
K
0
5
1
0
1
2
C
R
P
T
1
0
1
/
0
5
20
2P
O
S
QT
/
M
1
0
1
/
K
0
5
2
0
1
2
C
R
PR
/
M
1
0
1
/
K
0
5
2
0
1
2
C
R
PM
1
0
1
/
K
0
5
2
0
1
2
C
R
P
T
1
8
1
/
0
5
20
2P
O
S
QT
/
M
1
8
1
/
K
0
5
2
0
1
2
C
R
PR
/
M
1
8
1
/
K
0
5
2
0
1
2
C
R
PM
1
8
1
/
K
0
5
2
0
1
2
C
R
P
T
1
0
2
/
0
5
20
2P
O
S
QT
/
M
1
0
2
/
K
0
5
2
0
1
2
C
R
PR
/
M
1
0
2
/
K
0
5
2
0
1
2
C
R
PM
1
0
2
/
K
0
5
2
0
1
2
C
R
P
T
1
2
2
/
0
7
20
2P
O
S
QT
/
M
1
2
2
/
K
0
7
2
0
1
2
C
R
PR
/
M
1
2
2
/
K
0
7
2
0
1
2
C
R
PM
1
2
2
/
K
0
7
2
0
1
2
C
R
P
T
0
0
5
/
0
0
40
2P
O
S
QT
/
M
0
0
5
/
K
0
0
4
0
1
2
C
R
PR
/
M
0
0
5
/
K
0
0
4
0
1
2
C
R
PM
0
0
5
/
K
0
0
4
0
1
2
C
R
P
T
0
3
3
/
0
7
40
2P
O
S
QT
/
M
0
3
3
/
K
0
7
4
0
1
2
C
R
PR
/
M
0
3
3
/
K
0
7
4
0
1
2
C
R
PM
0
3
3
/
K
0
7
4
0
1
2
C
R
P
T
1
0
1
/
1
0
10
2P
O
S
QT
/
M
1
0
1
/
K
1
0
1
0
1
2
C
R
PR
/
M
1
0
1
/
K
1
0
1
0
1
2
C
R
PM
1
0
1
/
K
1
0
1
0
1
2
C
R
P
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
-
N
O
N
)
e
l
p
m
a
x
E
(
1
0
2
C
R
P
X
X
X
1
TX
X
X2
T
s
e
i
r
e
S
t
r
a
Pe
d
o
C
Re
c
n
a
r
e
l
o
T
Re
d
o
C
Ce
c
n
a
r
e
l
o
T
C
C
I
O
S
-
0
0
2
C
R
P%
0
1
±
-
K%
0
1
±
-
K
P
O
S
Q
-
0
1
2
C
R
P%
0
2
±
-
M%
0
2
±
-
M
California Micro Devices can develop a fully customized solution which embodies the configuration shown in this data
sheet or modified to suit specific application requirements. A Non-Recurring Engineering (NRE) charge will apply for
all fully customized requirements and a minimum order/lot will be required.
Please direct your detailed circuit configuration and specification requirements to your local CAMD representative or
to the factory for a quotation.
S
E
U
L
A
V
D
R
A
D
N
A
T
S
(
R
Ω
Ω
Ω
Ω
Ω)
%
0
1
±
)
f
p
(
C
%
0
1
±
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
)
x
a
m
(
C
R
e
d
o
C
*
d
b
3
@
c
f
5
17
4V
6
5
1T
0
7
4
/
0
5
1z
H
M
6
2
2
5
20
0
1V
5
5
1T
1
0
1
/
0
5
2z
H
M
4
6
5
20
8
1V
4
7T
1
8
1
/
0
5
2z
H
M
5
3
5
20
0
2V
4
6T
1
0
2
/
0
5
2z
H
M
2
3
7
20
2
2V
6
5T
1
2
2
/
0
7
2z
H
M
7
2
0
40
5V
9
4
1T
0
0
5
/
0
0
4z
H
M
0
8
7
43
3V
9
2
2T
0
3
3
/
0
7
4z
H
M
3
0
1
0
0
10
0
1V
5
5
1T
1
0
1
/
1
0
1z
H
M
6
1
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
-
N
O
N
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
)
C
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
S
E
U
L
A
V
D
R
A
D
N
A
T
S
-
N
O
N
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R0
1
Ω
0
0
1
o
t
Ω
e
g
n
a
R
e
c
n
a
t
i
c
a
p
a
CF
p
0
8
1
o
t
F
p
5
1
* With 0 source imedance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com