Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLP200 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # WLP200
Description  WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

WLP200 Datasheet(HTML) 1 Page - California Micro Devices Corp

  WLP200 Datasheet HTML 1Page - California Micro Devices Corp WLP200 Datasheet HTML 2Page - California Micro Devices Corp WLP200 Datasheet HTML 3Page - California Micro Devices Corp WLP200 Datasheet HTML 4Page - California Micro Devices Corp WLP200 Datasheet HTML 5Page - California Micro Devices Corp WLP200 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
1
WLP200
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Wafer Level Package Evaluation RC Filter Network
Features
• 6 Filters per device
• Ultra small footprint, 0.5mm pitch
• Silicon substrate
• 0.30mm Eutectic Solder Bumps
Product Description
The WLP200 consists of 6 RC filters with different filter
characteristics in a wafer level package (WLP). All
I/O pins are ESD protected for contact discharges up to
8KV per the IEC1000-4-2 level 4 specification. Two
versions with different capacitor values are available.
Cellular phone application frequently demands filtering
of signals in the 800 to 2,700 MHz band. California
Micro Devices’ unique thin film Flip Chip filters provide a
minimum of –30 dB of attenuation over this frequency
Applications
• EMI filter for Mobile Equipment
(e.g. Cellular Phones)
• Evaluation Device
C1460800
SCHEMATIC DIAGRAM
band. The bump size and pitch of these filters are
selected such that the device can be placed directly on
a FR4 printed circuit board using conventional assembly
techniques. Ground-bounce and cross-talk are mini-
mized by a die design that provides eight solder bump
contacts to the common supply connection. The solder
bump contacts are a 63/37 Sn/Pb alloy and are nomi-
nally 0.30 mm in diameter.
R 50
Ω
C
GND
R 50
Ω
R 90
Ω
C
GND
R 90
Ω
R 70
Ω
C
GND
R 70
Ω
R 50
Ω
C
GND
R 90
Ω
C
GND
R 70
Ω
C
GND
GND
C1
D1
D2
D3
D4
D5
B1
A1
A2
A3
A4
A5
C3
B3
C2
B2
C5
B5
C4 B4
GND
GND
GND
GND
GND
GND


Similar Part No. - WLP200

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
WLP20-01 TOREX-WLP20-01 Datasheet
150Kb / 2P
Reference Pattern Layout Dimensions
More results

Similar Description - WLP200

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
RC Network with ESD Protection
logo
Amkor Technology
CSPNL AMKOR-CSPNL Datasheet
157Kb / 2P
Wafer Level Packaging
logo
Micrel Semiconductor
MIC5388 MICREL-MIC5388 Datasheet
582Kb / 12P
Dual 200mA Peak LDO in Wafer Level Chip Scale Package
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
RC Network (Snubber Capacitor)
logo
Bourns Electronic Solut...
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
RC Network T-Filters
601 BOURNS-601 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com