Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL432AS Datasheet(PDF) 2 Page - Calogic, LLC

Part # CL432AS
Description  1.25VPrecision Adjustable Shunt Reference / Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL432AS Datasheet(HTML) 2 Page - Calogic, LLC

  CL432AS Datasheet HTML 1Page - Calogic, LLC CL432AS Datasheet HTML 2Page - Calogic, LLC CL432AS Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CL432A
CORPORATION
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VKA
Cathode-Anode Reverse Breakdown
10
V
IAK
Anode-Cathode Forward Current
1
A
IKA
Operating Cathode Current
100
mA
IREF
Reference Input Current
1
mA
PD
Continuous Power at 25
oC
TO-92
8L SOIC
SOT-23
SOT-89
775
750
1000
200
mW
mW
mW
mW
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
–65 to 150
oC
TL
Lead Temperature, Soldering 10 Seconds
300
oC
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VKA
Cathode Voltage
VREF to 10
V
IK
Cathode Current
10
mA
TYPICAL THERMAL RESISTANCES
PACKAGE
θJA
θJC
TYPICAL DERATING
TO-92
160
oC/W
80
oC/W
6.3mW/
oC
SOIC
175
oC/W
45
oC/W
5.7mW/
oC
SOT-23
575
oC/W
150
oC/W
1.7mW/
oC
SOT-89
110
oC/W
8
oC/W
9.1mW/
oC
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1J-23
ANODE (A)
CATHODE (K)
1.25V
REFERENCE (R)
+
+
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com