Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST501 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST501
Description  Current Regulator Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST501 Datasheet(HTML) 1 Page - Calogic, LLC

  SST501 Datasheet HTML 1Page - Calogic, LLC SST501 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Regulator Diode
CA500 Series / SST500 Series
FEATURES
•• Simple Two Lead Current Sources
•• 1 to 100 Volt Operation
•• ZeroTemperatureCoefficient
•• Simplifies Floating Current Sources
•• No Power Supplies Required
GENERAL DESCRIPTION
Calogic’s current regulator diode is available in plastic TO-92
and surface mount SOT-23.
The devices are selected for
narrow current ranges and are excellent choices for test
instrumentation and medical applications.
With nominal
current ranges from 0.24mA to 4.7mA, all in 20% bands. The
devices allow the designer a cost effective method of
providing
a
current
regulator
with
no
power
supply
requirements and lower part count. The lower current devices
operate at 1 volt.
ORDERING INFORMATION
Part No. Package
Part No.
Package
IF (mA)
CA500
TO-92
SST500
SOT-23
0.24
CA501
TO-92
SST501
SOT-23
0.33
CA502
TO-92
SST502
SOT-23
0.43
CA503
TO-92
SST503
SOT-23
0.56
CA504
TO-92
SST504
SOT-23
0.75
CA505
TO-92
SST505
SOT-23
1.00
CA506
TO-92
SST506
SOT-23
1.40
CA507
TO-92
SST507
SOT-23
1.80
CA508
TO-92
SST508
SOT-23
2.40
CA509
TO-92
SST509
SOT-23
3.00
CA510
TO-92
SST510
SOT-23
3.60
CA511
TO-92
SST511
SOT-23
4.70
CORPORATION
PIN CONFIGURATION
TO-92
12
BOTTOM VIEW
1 ANODE
2 CATHODE
SOT-23
1
2
3
TOP VIEW
1 ANODE
2 CATHODE
PRODUCT MARKING (SOT-23)
SST500
500
SST501
501
SST502
502
SST503
503
SST504
504
SST505
505
SST506
506
SST507
507
SST508
508
SST509
509
SST510
510
SST511
511
5010
Externally connect
pin 1 to pin2.
3 ANODE
2 CATHODE


Similar Part No. - SST501

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST501 CALOGIC-SST501 Datasheet
208Kb / 2P
Simple Two Lead Current Sources
logo
Micross Components
SST5018 MICROSS-SST5018 Datasheet
298Kb / 1P
Linear Systems replaces discontinued Siliconix SST5018
SST5018_SOT-23 MICROSS-SST5018_SOT-23 Datasheet
298Kb / 1P
single P-Channel JFET switch
SST5019 MICROSS-SST5019 Datasheet
298Kb / 1P
Linear Systems replaces discontinued Siliconix SST5019
SST5019_SOT-23 MICROSS-SST5019_SOT-23 Datasheet
298Kb / 1P
single P-Channel JFET switch
More results

Similar Description - SST501

ManufacturerPart #DatasheetDescription
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
Current Regulator Diode
J510_TO-92 MICROSS-J510_TO-92 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ503_TO-92 MICROSS-LSJ503_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com