Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2850 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM2850
Description  5.0A Low Dropout Voltage Regulator Adjustable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2850 Datasheet(HTML) 1 Page - Calogic, LLC

  CLM2850 Datasheet HTML 1Page - Calogic, LLC CLM2850 Datasheet HTML 2Page - Calogic, LLC CLM2850 Datasheet HTML 3Page - Calogic, LLC CLM2850 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0A Low Dropout Voltage Regulator
Adjustable
CLM2850
FEATURES
•• Adjustable Output Down to 1.2V
•• Output Current of 5A
•• Low Dropout Voltage
•• Extremely Tight Load and Line Regulation
•• Current and Thermal Limiting
•• Standard 3-Terminal Low Cost TO-220
•• Similar to Industry Standard LT1084
APPLICATIONS
•• Powering Intel PentiumTM µP from +5V Supplies
•• Power PCTM Supplies
•• SMPS Post-Regulator
•• High Efficiency "Green" Computer Systems
•• High Efficiency Linear Power Supplies
•• Portable Instrumentation
•• Constant Current Regulators
•• Adjustable Power Supplies
•• Battery Chargers
PRODUCT DESCRIPTION
The Calogic CLM2850 is a low power 5A adjustable voltage
regulator that is very easy to use. It requires only 2 external
resistors to set the output voltage. This device is an excellent
choice for use in powering Intel
TM microprocessors to convert
from +5V to 3.3V supplies and as a post regulator for
switching supplies applications.
The CLM2850 offers full protection against over-current faults,
reversed input polarity, reversed load insertion, and positive
and negative transient voltage. On-Chip trimming adjusts the
reference voltage to 1%. The IQ of this device flows into the
load which increases efficiency.
The CLM2850 is offered in a 3-pin TO-220 package
compatible with older 3 terminal regulators.
For a 3A low
dropout regulator refer to the CLM2830 data sheet.
ORDERING INFORMATION
PART
PACKAGE
TEMPERATURE
CLM2850AU
TO-220 (3-Pin)
IND.
CLM2850AT
TO-263 Plastic (3-Pin)
IND.
For fixed output voltage contact factory.
CORPORATION
PIN CONNECTIONS
1F-02
FRONT VIEW
V
IN
V
OUT
PLASTIC PACKAGE TO-220
VADJ
1F-01
PLASTIC TO-263 PACKAGE
FRONT VIEW
3
2
1V
ADJ
V
OUT
V
IN
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CLM2850

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM285-12 CALOGIC-CLM285-12 Datasheet
32Kb / 3P
Micropower Voltage Reference Diode
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
CLM285Y1 CALOGIC-CLM285Y1 Datasheet
32Kb / 3P
Micropower Voltage Reference Diode
CLM285Y2 CALOGIC-CLM285Y2 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
More results

Similar Description - CLM2850

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
3.0A Low Dropout Voltage Regulator Adjustable
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
5.0A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
5.0A LOW DROPOUT PRECISION REGULATOR
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com