Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2815AT Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM2815AT
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2815AT Datasheet(HTML) 6 Page - Calogic, LLC

  CLM2815AT Datasheet HTML 1Page - Calogic, LLC CLM2815AT Datasheet HTML 2Page - Calogic, LLC CLM2815AT Datasheet HTML 3Page - Calogic, LLC CLM2815AT Datasheet HTML 4Page - Calogic, LLC CLM2815AT Datasheet HTML 5Page - Calogic, LLC CLM2815AT Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OUTPUT CURRENT (A)
1U-27
DROPOUT VOLTAGE
0
4
1
2
3
2
0
1
0˚C TJ 120˚C
TJ = 25˚C
TJ = –55˚C
TJ = 150˚C
–40˚C TJ 150˚C
5
6
7
8
9
10
INDICATES GUARANTEED TEST POINT
TEMPERATURE (˚C)
0.10
–0.20
–50
150
1E-31A
LOAD REGULATION
0.05
0
–0.05
–0.10
–0.15
–25
0
25
50
75 100 125
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT/OUTPUT DIFFERENTIAL (V)
12
0
035
1E-32A
SHORT CIRCUIT CURRENT
10
8
6
4
2
5
1015
202530
25˚C
150˚C
–55˚C
IFULL LOAD
INPUT/OUTPUT DIFFERENTIAL (V)
10
0
035
1U-28
MINIMUM
OPERATING CURRENT
1
2
3
4
5
6
7
8
9
5
1015
202530
TJ = –55˚C
TJ = 25˚C
TJ = 150˚C
TEMPERATURE (˚C)
1E-33
ADJUSTMENT PIN CURRENT
–50
150
–25
0
25
50
75 100 125
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (˚C)
1.270
1.230
–50
150
1U-29
TEMPERATURE STABILITY
–25
0
25
50
75 100 125
1.240
1.260
1.250
CLM2815
CORPORATION
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com