Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2850AT Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM2850AT
Description  5.0A Low Dropout Voltage Regulator Adjustable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2850AT Datasheet(HTML) 4 Page - Calogic, LLC

  CLM2850AT Datasheet HTML 1Page - Calogic, LLC CLM2850AT Datasheet HTML 2Page - Calogic, LLC CLM2850AT Datasheet HTML 3Page - Calogic, LLC CLM2850AT Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CLM2850
CORPORATION
1F-09
CLM2850
OUT
ADJ
5A CURRENT OUTPUT REGULATOR
V
IN
R
1
C
1
IN
LOAD
1F-10
CLM2850
OUT
ADJ
TYPICAL ADJUSTABLE REGULATOR
OUT
V
IN
R 2
R
1
C
2
V
C
1
IN
) + IADJ
(1 + R1/R2
= VREF
VOUT
R2
TYPICAL APPLICATIONS
1F-11
CLM2850
OUT
ADJ
V
IN
R
2
R1
C2
C1
IN
3.45V
V
CC
+5V
POWERING INTEL PENTIUM WITH CLM2850
INTEL468 AND PENTIUM IS A
TRADE MARK OF INTEL CORP.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com