Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2931 Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM2931
Description  Low Dropout Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2931 Datasheet(HTML) 6 Page - Calogic, LLC

  CLM2931 Datasheet HTML 1Page - Calogic, LLC CLM2931 Datasheet HTML 2Page - Calogic, LLC CLM2931 Datasheet HTML 3Page - Calogic, LLC CLM2931 Datasheet HTML 4Page - Calogic, LLC CLM2931 Datasheet HTML 5Page - Calogic, LLC CLM2931 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
INPUT VOLTAGE (V)
600
500
400
300
200
100
0
1M-28
PEAK OUTPUT CURRENT
010
20
30
TJ = 25˚C
TJ = 85˚C
TJ= -40˚C
OUTPUT CURRENT (mA)
0
1M-29
QUIESCENT CURRENT
30
25
20
15
10
5
030
60
90
VIN = 14V
25
0
1M-30
QUIESCENT CURRENT
20
15
10
3
2
1
-40
0
40
80
120
JUNCTION TEMPERATURE (˚C)
IO = 50mA
IO = 0mA
AMBIENT TEMPERATURE (˚C)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1M-31
MAXIMUM POWER DISSIPATION
(SO-8)
0
2040
6080
10
30
50
70
90
AMBIENT TEMPERATURE (˚C)
22
20
18
16
14
12
10
8
6
4
2
0
1M-32
MAXIMUM POWER DISSIPATION
(TO-220)
0
20
406080
10
30
50
70
90 100
INFINITE HEATSINK
10˚C/W HEAT SINK
NO HEAT SINK
AMBIENT TEMPERATURE (˚C)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1M-33
MAXIMUM POWER DISSIPATION
(TO-92)
0
2040
6080
10
30
50
70
90
0.125" LEAD LENGTH
FROM PC BOARD
0.4" LEAD LENGTH
FROM PC BOARD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com