Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6717 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 48Page - STMicroelectronics L6717 Datasheet HTML 49Page - STMicroelectronics L6717 Datasheet HTML 50Page - STMicroelectronics L6717 Datasheet HTML 51Page - STMicroelectronics L6717 Datasheet HTML 52Page - STMicroelectronics L6717 Datasheet HTML 53Page - STMicroelectronics L6717 Datasheet HTML 54Page - STMicroelectronics L6717 Datasheet HTML 55Page - STMicroelectronics L6717 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Layout guidelines
L6717
52/56
Doc ID 17326 Rev 1
13
Layout guidelines
Layout is one of the most important things to consider when designing high current
applications. A good layout solution can generate a benefit in lowering power dissipation on
the power paths, reducing radiation and a proper connection between signal and power
ground can optimize the performance of the control loops.
Two kind of critical components and connections have to be considered when laying-out a
VRM based on L6717: power components and connections and small signal components
connections.
13.1
Power components and connections
These are the components and connections where switching and high continuous current
flows from the input to the load. The first priority when placing components has to be
reserved to this power section, minimizing the length of each connection and loop as much
as possible. To minimize noise and voltage spikes (EMI and losses) these interconnections
must be a part of a power plane and anyway realized by wide and thick copper traces: loop
must be anyway minimized. The critical components, i.e. the power transistors, must be
close one to the other. The use of multi-layer printed circuit board is recommended.
Traces between the driver section and the MOSFETs should be wide to minimize the
inductance of the trace so minimizing ringing in the driving signals. Moreover, VIAs count
needs to be minimized to reduce the related parasitic effect.
Locate the bypass capacitor (VCC, VCCDR and BOOT capacitors) close to the device with
the shortest possible loop and use wide copper traces to minimize parasitic inductance.
Systems that do not use Schottky diodes in parallel to the low-side MOSFET might show big
negative spikes on the phase pin. This spike can be limited as well as the positive spike but
it causes the bootstrap capacitor to be over-charged. This extra-charge can cause, in the
worst case condition of maximum input voltage and during particular transients, that boot-to-
phase voltage overcomes the abs.max.ratings also causing device failures. It is then
suggested in this cases to limit this extra-charge by adding a small resistor RBOOT in series
to the boot capacitor or the boot diode. The use of RBOOT also contributes in the limitation of
the spike present on the BOOT pin.
Figure 20.
Driver turn-on and turn-off paths
RGATE
RINT
CGD
CGS
CDS
VCCDR
LSx DRIVER
LS MOSFET
GND (PAD)
LGATEx
RGATE
RINT
CGD
CGS
CDS
BOOTx
HSx DRIVER
HS MOSFET
PHASEx
HGATEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com