Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U013 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6924U013
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 2Page - STMicroelectronics L6924U013 Datasheet HTML 3Page - STMicroelectronics L6924U013 Datasheet HTML 4Page - STMicroelectronics L6924U013 Datasheet HTML 5Page - STMicroelectronics L6924U013 Datasheet HTML 6Page - STMicroelectronics L6924U013 Datasheet HTML 7Page - STMicroelectronics L6924U013 Datasheet HTML 8Page - STMicroelectronics L6924U013 Datasheet HTML 9Page - STMicroelectronics L6924U013 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin description
L6924U
6/37
Doc ID 14716 Rev 2
Pin
I/O
Name
Pin description
9
I
ISEL
Switches between high power USB (IUSB up to 500 mA) and low
power USB (IUSB/5) in USB mode. A low level sets the L6924U in
low power mode and a high level sets the L6924U in high power
mode. When the AC mode is selected, the ISEL pin must be
connected to ground or left floating.
10
I
VOSNS
Output voltage sense pin.
It senses the battery voltage to control the voltage regulation loop.
11
O
VOUT
Output pin. (connected to the battery)
12
O
VREF
External reference voltage pin. (reference voltage is 1.8 V ± 2 %)
13
I/O
IEND
Charge termination pin.
A resistor connected from this pin to GND sets the charge
termination current threshold IENDTH: if ICHG < IENDTH, the charge
process ends. The voltage across the resistor is proportional to the
current delivered to the battery (gas gauge function).
14
I
MODE
Selects pin AC adapter or USB port input modes. A high level sets
the L6924U in USB mode while a low level sets the L6924U in the
AC adapter mode. When the AC adapter input is selected, the ISEL
pin status does not affect the current set.
15
I
IUSB
Charge current program pin in USB mode: a resistor connected
from this pin to ground sets the fast charge current value (IUSB up to
500 mA) with an accuracy of 7 %. The USB high power/low power
mode is selected with the ISEL pin.
16
I
IAC
Charge current program pin in AC mode: a resistor connected from
this pin to GND sets the fast charge current value (IAC up to 1 A)
with an accuracy of 7 %.
Table 2.
Pin functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com