Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U013TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6924U013TR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6924U013TR Datasheet HTML 5Page - STMicroelectronics L6924U013TR Datasheet HTML 6Page - STMicroelectronics L6924U013TR Datasheet HTML 7Page - STMicroelectronics L6924U013TR Datasheet HTML 8Page - STMicroelectronics L6924U013TR Datasheet HTML 9Page - STMicroelectronics L6924U013TR Datasheet HTML 10Page - STMicroelectronics L6924U013TR Datasheet HTML 11Page - STMicroelectronics L6924U013TR Datasheet HTML 12Page - STMicroelectronics L6924U013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L6924U
Electrical characteristics
Doc ID 14716 Rev 2
9/37
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDS(on)
Power MOSFET resistance
(3)
Charge current = 500 mA
280
380
m
Ω
TH
NTC pin hot threshold
voltage
10
12.5
15
%VREF
NTC pin cold threshold
voltage
40
50
60
%VREF
1.
TJ from -40 °C to 125 °C
2.
Guaranteed by design
3.
Device working in quasi pulse mode
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com