Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM4102 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CLM4102
Description  Low Power, 400MHz High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4102 Datasheet(HTML) 2 Page - Calogic, LLC

  CLM4102 Datasheet HTML 1Page - Calogic, LLC CLM4102 Datasheet HTML 2Page - Calogic, LLC CLM4102 Datasheet HTML 3Page - Calogic, LLC CLM4102 Datasheet HTML 4Page - Calogic, LLC CLM4102 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CORPORATION
DC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±15V, VCM = 0, RL ≥ 100KΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
CLM4102
CLM4302
UNITS
CONDITIONS
Limit
(Note 5)
Limit
(Note 5)
AV1
Voltage Gain 1
0.99
0.96
0.96
0.95
0.95
V/V Min
RL =
∞, VIN = ±12V
AV2
Voltage Gain 2
0.95
0.90
0.90
0.90
0.90
RL = 100
Ω, VIN = ±10V
AV3
Voltage Gain 3
0.92
0.85
0.85
0.85
0.85
RL = 100
Ω, VIN = ±3V, VS = ±5V
VOS
Offset Voltage
10
15
20
30
40
mV Max
RL =
∞
IB
Input Bias Current
1
8
10
12
µA Max
RL =
∞
RIN
Input Resistance
0.5
.2
.2
M
Ω
RL = 100
Ω
CIN
Input Capacitance
3.5
pF
RO
Output Resistance
3
7
10
Ω Max
RL = 100
Ω, VIN = ±2V
IS
Supply Current
5
7.5
7.5
mA Max
RL =
∞
VO
Output Swing
10
10
10
±V Min
RL = 100
Ω, VIN = ±12V
IOUT
Output Current
200
100
100
mA
VIN = 12V
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±Vsupply
Storage Temperature Range . . . . . . . . . . . .
-65
oC to +150oC
Lead Temperature
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . .
260
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . (Note 4)
ESD Tolerance (Note 3). . . . . . . . . . . . . . . . . . . . . . .
±2000V
Thermal Resistance (
θJA)
N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
95
oC/W
M Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
95
oC/W
Thermal Resistance (
θJC)
N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
oC/W
M Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . 150
oC
CLM4102 / CLM4302
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com