Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2950AC Datasheet(PDF) 5 Page - Calogic, LLC

Part # CLM2950AC
Description  150mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2950AC Datasheet(HTML) 5 Page - Calogic, LLC

  CLM2950AC Datasheet HTML 1Page - Calogic, LLC CLM2950AC Datasheet HTML 2Page - Calogic, LLC CLM2950AC Datasheet HTML 3Page - Calogic, LLC CLM2950AC Datasheet HTML 4Page - Calogic, LLC CLM2950AC Datasheet HTML 5Page - Calogic, LLC CLM2950AC Datasheet HTML 6Page - Calogic, LLC CLM2950AC Datasheet HTML 7Page - Calogic, LLC CLM2950AC Datasheet HTML 8Page - Calogic, LLC CLM2950AC Datasheet HTML 9Page - Calogic, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CLM2950 / CLM2951
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TEMPERATURE (˚C)
1.8
0.6
1.2
–75
150
1D-49
SHUTDOWN
THRESHOLD VOLTAGE
0.8
1.0
1.4
1.6
–50 –25 0
25 50 75 100 125
INPUT VOLTAGE (V)
180
0
030
1E-01
RATED
OUTPUT CURRENT
510
25
20
15
20
40
60
80
100
120
140
160
TA = 50˚C
TA = 85˚C
TA = 25˚C
VOUT = 5V
8-PIN SOIC
SOLDERED
TO PC BOARD
TJMAX = 125˚C
INPUT VOLTAGE (V)
30
–10
1D-50
LINE REGULATION
0
0
10
10
20
–5
5
5
15
25
30
25
20
15
10
5
TJ = 150˚C
TJ = 125˚C
IL = 100µA
IL = 1mA
IL = 100µA
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (mS)
125
100
µA
10
1E-02
LOAD TRANSIENT
RESPONSE
25
100mA
75
8
6
4
2
0
100
50
0
–25
–50
CL = 4.7µF
VOUT = 5V
TIME (
µs)
1E-04
ENABLE TRANSIENT
–100
700
0
100 200 300 400 500 600
7
–2
0
2
0
1
2
3
4
5
6
CL = 1.5µF
VOUT = 5V
CL = 10µF
VIN = 8V
IL = 10mA
TIME (mS)
80
100
µA
20
1E-03
LOAD TRANSIENT
RESPONSE
0
100mA
40
16
12
8
4
0
60
20
–20
–40
–60
CL = 15µF
VOUT = 5V
INPUT VOLTAGE (V)
1E-05
ERROR
COMPARATOR OUTPUT
06
12
5
4
3
8
–2
6
4
2
0
VOUT = 5V
NOTE: PULLUP RESISTOR
TO SEPARATE 5V SUPPLY
HYSTERESIS
400mV
4V
800
1E-07
LINE TRANSIENT
RESPONSE
0
200
400
600
0
8V
6V
200mV
–50mV
= 5V
CL = 4.7µF
IL = 1mA
VOUT
2.5
0.0
0.0
0.9
1E-06
COMPARATOR
SINK CURRENT
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
2.0
1.5
1.0
0.5
TA = 125˚C
TA = 25˚C
TA = –55˚C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com