Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM6321 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CLM6321
Description  High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM6321 Datasheet(HTML) 2 Page - Calogic, LLC

  CLM6321 Datasheet HTML 1Page - Calogic, LLC CLM6321 Datasheet HTML 2Page - Calogic, LLC CLM6321 Datasheet HTML 3Page - Calogic, LLC CLM6321 Datasheet HTML 4Page - Calogic, LLC CLM6321 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS (Note 1)
If Military/Aerospace specified devices are required, please
contact
the
Calogic
Sales
Office
for
availability
and
specifications.
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±Vsupply
Short Circuit to GND (Note 2) . . . . . . . . . . . . . . . . Continuous
Storage Temperature Range . . . . . . . . . . . .
-65
oC to +150oC
Lead Temperature
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . .
260
oC
ESD Tolerance (Note 4). . . . . . . . . . . . . . . . . . . . . . .
±2000V
Thermal Resistance (
θJA) (Note 7)
H Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
oC/W
N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
oC/W
M Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
oC/W
Thermal Resistance (
θJC)
H Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
15
oC/W
CLM6121 / CLM6321
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
DC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±15V, VCM = 0, RL ≥ 100kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
CLM6121
CLM6321
UNITS
CONDITIONS
Limit
(Note 6)
Limit
(Note 6)
AV1
Voltage Gain 1
0.990
0.980
0.970
0.970
0.950
V/V Min
RL = 1k
Ω, VIN = ±10V
AV2
Voltage Gain 2
0.900
0.860
0.800
0.850
0.820
RL = 50
Ω, VIN = ±10V
AV3
Voltage Gain 3
0.840
0.780
0.750
0.750
0.700
RL = 50
Ω, V+ = 5V
VIN = 2VPP
VOS
Offset Voltage
15
30
50
50
100
mV Max
RL = 1k
IB
Input Bias Current
1
4
7
5
7
µA Max
RL = 1k
Ω, RS = 10kΩ,
RIN
Input Resistance
5
M
RL = 50
CIN
Input Capacitance
3.5
pF
RO
Output Resistance
3
5
10
5
6
Ω Max
IOUT =
±10mA
IS1
Supply Current 1
15
18
20
20
22
mA Max
RL =
IS2
Supply Current 2
14
16
18
18
20
RL =
∞, V+ = 5V
VO1
Output Swing 1
13.5
13.3
13
13.2
13
±V Min
RL = 1k
VO2
Output Swing 2
12.7
11.5
10
11
10
RL = 100
VO3
Output Swing 3
12
11
9
10
9
RL = 50
VO4
Output Swing 4
1.8
1.6
1.3
1.6
1.5
VPP Min
RL = 50
Ω, V+ = 5V (Note 6)
PSSR
Power Supply
Rejection Ratio
70
60
55
60
50
dB Min
V
±
=
±5V to ±15V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com