Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM7660CP Datasheet(PDF) 2 Page - Calogic, LLC

Part # CLM7660CP
Description  DC-to-DC Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM7660CP Datasheet(HTML) 2 Page - Calogic, LLC

  CLM7660CP Datasheet HTML 1Page - Calogic, LLC CLM7660CP Datasheet HTML 2Page - Calogic, LLC CLM7660CP Datasheet HTML 3Page - Calogic, LLC CLM7660CP Datasheet HTML 4Page - Calogic, LLC CLM7660CP Datasheet HTML 5Page - Calogic, LLC CLM7660CP Datasheet HTML 6Page - Calogic, LLC CLM7660CP Datasheet HTML 7Page - Calogic, LLC CLM7660CP Datasheet HTML 8Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10.5V
LV and OSC Inputs
Voltage (Note 1) . . . . . . . . . . . . . . . . . . . -0.3V to (V
++0.3V)
for V
+ <5.5V
(V
+-5.5V) to (V++0.3V)
for V
+ <5.5V
Current into LV (Note 1). . . . . . . . . . . . . . . 20
µA for V+ >3.5V
Output Short Duration (VSUPPLY
≤ 5.5V) . . . . . . . . Continuous
Power Dissipation (Note 2)
Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW
Operating Temperature Range
D Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
oC to +85oC
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
oC
Static-sensitive device. Unused devices must be stored in conductive material.
Protect devices from static discharge and static fields. Stresses above those
listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the operation sections of
the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CLM7660
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CORPORATION
ELECTRICAL CHARACTERISTICS V
+ = 5V, TA = +25oC, COSC = 0, Test Circuit (Figure 1), unless otherwise indicated.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
I
+
Supply Current
-
80
180
µARL = ∞
V
+
H1
Supply Voltage Range, High
3
-
6.5
V
0
oC ≤ TA ≤ +70oC, RL = 10kΩ, LV Open
3
-
5
V
-55
oC ≤ TA ≤ +125oC, 10kΩ, LV Open
V
+
L1
Supply Voltage Range, Low
(DX Out of Circuit)
1.5
-
3.5
V
Min
≤ TA ≤ Max, RL = 10kΩ, LV to GND
V
+
H2
Supply Voltage Range, High
(DX In Circuit)
3
-
10
V
Min
≤ TA ≤ Max, RL = 10kΩ, LV Open
V
+
L2
Supply Voltage Range, Low
(DX In Circuit)
1.5
-
3.5
V
Min
≤ TA ≤ Max, RL = 10kΩ, LV to GND
ROUT
Output Source Resistance
-
55
100
Ω
IOUT = 20mA, TA = 25
oC
--
120
Ω
IOUT = 20mA, 0
oC ≤ TA ≤ +70oC (C Device)
--
300
Ω
V
+ = 2V, IOUT = 3mA, LV to GND
0
oC ≤ TA ≤ +70oC
fOSC
Oscillator Frequency
-
10
-
kHz
PEF
Power Efficiency
95
98
-
%
RL = 5k
Ω
VOUT EF
Voltage Conversion Efficiency
97
99.9
-
%
RL =
∞
ZOSC
Oscillator Impedance
-
1
-
M
Ω
V
+ = 2V
-100
-
k
Ω
V
+ = 5V
NOTES:
1. Connecting any input terminal to voltages greater than C+ or less than GND may cause destructive latch-up. It is recommended that no inputs
from sources operating from external supplies be applied prior to "power up" of the CLM7660.
2. Derate linearly above 50
oC by 5.5mW/oC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com