Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM4429EY Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM4429EY
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4429EY Datasheet(HTML) 6 Page - Calogic, LLC

  CLM4429EY Datasheet HTML 1Page - Calogic, LLC CLM4429EY Datasheet HTML 2Page - Calogic, LLC CLM4429EY Datasheet HTML 3Page - Calogic, LLC CLM4429EY Datasheet HTML 4Page - Calogic, LLC CLM4429EY Datasheet HTML 5Page - Calogic, LLC CLM4429EY Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CLM4420 / CLM4429
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TYPICAL CHARACTERISTICS CURVES (Cont.)
TOTAL nA
•S CROSSOVER*
4
0
515
1A-25
3
2
1
7
9
11
13
6
8
10
12
14
SUPPLY VOLTAGE (V)
* The values on this graph represent the loss seen
by the driver during one complete cycle. For a
single transition, divide the value by 2.
EFFECT OF INPUT AMPLITUDE
ON PROPAGATION DELAY
200
0
515
1A-24
160
120
80
40
7
9
11
13
6
8
10
12
14
VDD (V)
LOAD = 2200pF
INPUT 2.4V
INPUT 3V
INPUT 5V
INPUT 8V AND 10V
DIE SIZE 76 X 77 (INCHES)
DD
IN
V
OUT
GND
OUT
GND
GND
DD
V
DIE SIZE 76 X 77 (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com