Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWB309 Datasheet(PDF) 4 Page - Calogic, LLC

Part # CWB309
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB309 Datasheet(HTML) 4 Page - Calogic, LLC

  CWB309 Datasheet HTML 1Page - Calogic, LLC CWB309 Datasheet HTML 2Page - Calogic, LLC CWB309 Datasheet HTML 3Page - Calogic, LLC CWB309 Datasheet HTML 4Page - Calogic, LLC CWB309 Datasheet HTML 5Page - Calogic, LLC CWB309 Datasheet HTML 6Page - Calogic, LLC CWB309 Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CWB308 / CWB309
CORPORATION
50
D
S
Ω
C
V+
C
V-
LOGIC 1 = +5V
A
B
µ
C = 0.22 F // 10 F
OFF-ISOLATION
PHILIPS
SCOPE
KROHNHITE
240D
(or equivalent)
50
Ω
µ
PM3214
(or equivalent)
IN
IL
V+
LT
GND
V-
S
D
CMOS CIRCUITRY
DMOS SWITCH
FUNCTIONAL BLOCK DIAGRAMS (1 of 4 channels)
SWITCHING TIMES TEST CIRCUIT
T = +25 C
A
o
OFF ISOLATION REJECTION RATIO
-VS-
FREQUENCY
60
55
50
45
40
35
20
30
40
50
60
70
80
90 100
f - Frequency (MHz
V-, V+ = +15V
_
R = 50
Ω
L
Switch Contacts:
Switches are bi-directional (Analog Input can be to
Source or Drain. However, for optimum performance in
Video Application, connect Input to Source and Output
to Drain.
OFF ISOLATION TEST CIRCUIT
Ω
+15V
-15V
C = 35pF
SWITCH
OUTPUT
SWITCH
INPUT
+3V
R =
1K
L
L
LOGIC
INPUT
SWICHING TIMES
-VS-
SUPPLY VOLTAGES
300
200
100
0
T = +25 C
A
o
t
on
t
off
Supply Voltages (Volts)
+5
+10
+15
_
_
_



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com