Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS38D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS38D
Description  QUAD 2-INPUT NAND BUFFER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS38D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS38D Datasheet HTML 1Page - Motorola, Inc SN74LS38D Datasheet HTML 2Page - Motorola, Inc SN74LS38D Datasheet HTML 3Page - Motorola, Inc SN74LS38D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-95
FAST AND LS TTL DATA
QUAD 2-INPUT NAND BUFFER
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
*
*
*
*
*OPEN COLLECTOR OUTPUTS
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
VOH
Output Voltage — High
54, 74
5.5
V
IOL
Output Current — Low
54
74
12
24
mA
SN54/74LS38
QUAD 2-INPUT NAND BUFFER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN74LS38D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS38D ONSEMI-SN74LS38D Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS38D TI-SN74LS38D Datasheet
623Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74LS38D TI1-SN74LS38D Datasheet
1Mb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74LS38D TI1-SN74LS38D Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
SN74LS38DB TI1-SN74LS38DB Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
More results

Similar Description - SN74LS38D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
SN54LS37 MOTOROLA-SN54LS37 Datasheet
119Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
Quad 2-Input NAND buffer open collector
1991 Feb 08
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
Quad 2-input NAND buffer
1990 May 24
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
74F37 FAIRCHILD-74F37 Datasheet
48Kb / 4P
Quad Two-Input NAND Buffer
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
Quad 2-Input NAND Buffer with Open-Collector Outputs
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
quad 2-input nand buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com