Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J113 Datasheet(PDF) 1 Page - Calogic, LLC

Part # J113
Description  N-Channel JFET Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

J113 Datasheet(HTML) 1 Page - Calogic, LLC

  J113 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET Switch
J111 - J113 / SST111 – SST113
FEATURES
•• Low Cost
•• Automated Insertion Package
•• Low Insertion Loss
•• No Offset or Error Voltage Generated By Closed Switch
- Purely Resistive
- High Isolation Resistance From Driver
•• Fast Switching
•• Short Sample and Hold Aperture Time
APPLICATIONS
•• Analog Switches
•• Choppers
•• Commutators
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . -35V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -55
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . .
360mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . 3.3mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
J111-113
Plastic SOT-23
-55
oC to +135oC
SST111-113
Plastic SOT-23
-55
oC to +135oC
For Sorted Chips in Carriers see 2N4391 series.
CORPORATION
PIN CONFIGURATION
5001
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
111
112
113
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSSR
Gate Reverse Current (Note 1)
-1
-1
-1
nA
VDS = 0V, VGS = -15V
VGS(off)
Gate Source Cutoff Voltage
-3
-10
-1
-5
-0.5
-3
V
VDS = 5V, ID = 1
µA
BVGSS
Gate Source Breakdown Voltage
-35
-35
-35
VDS = 0V, IG = -1
µA
IDSS
Drain Saturation Current (Note 2)
20
5
2
mA
VDS = 15V, VGS = 0V
ID(off)
Drain Cutoff Current (Note 1)
1
1
1
nA
VDS = 5V, VGS = -10V
rDS(on)
Drain Source ON Resistance
30
50
100
Ω
VDS = 0.1V, VGS = 0V
Cdg(off)
Drain Gate OFF Capacitance
5
5
5
pF
VDS = 0,
VGS = -10V
(Note 3)
f = 1MHz
Csg(off)
Source Gate OFF Capacitance
5
5
5
Cdg(on)
+ Csg(on)
Drain Gate Plus Source Gate ON
Capacitance
28
28
28
VDS = VGS = 0
(Note 3)
td(on)
Turn On Delay Time
7
7
7
ns
Switching Time Test
Conditions (Note 3)
J111
J112
J113
VDD
10V
10V
10V
VGS(off) -12V
-7V
-5V
RL
0.8k
Ω 1.6kΩ 3.2kΩ
tr
Rise Time
6
6
6
td(off)
Turn Off Delay Time
20
20
20
tf
Fall Time
15
15
15
NOTES: 1. Approximately doubles for every 10
oC increase in TA.
2. Pulse test duration 300
µs; duty cycle ≤3%.
3. For design reference only, not 100% tested.
SOT-23
G
S
D
TO-92
S G
D
PRODUCT MARKING (SOT-23)
SST111
111
SST112
112
SST113
113
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - J113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J113 PHILIPS-J113 Datasheet
35Kb / 6P
N-channel silicon field-effect transistors
July 1993
logo
Fairchild Semiconductor
J113 FAIRCHILD-J113 Datasheet
101Kb / 5P
N-Channel Switch
logo
Micro Electronics
J113 MICRO-ELECTRONICS-J113 Datasheet
45Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
Linear Integrated Syste...
J113 LINEAR-J113 Datasheet
282Kb / 2P
SINGLE N-CHANNEL JFET
logo
List of Unclassifed Man...
J113 ETC1-J113 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - J113

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4391 CALOGIC-2N4391 Datasheet
29Kb / 2P
N-Channel JFET Switch
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
N-Channel JFET Switch
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com