Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6711STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6711STRPBF
Description  DirectFETPower MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6711STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6711STRPBF Datasheet HTML 1Page - International Rectifier IRF6711STRPBF Datasheet HTML 2Page - International Rectifier IRF6711STRPBF Datasheet HTML 3Page - International Rectifier IRF6711STRPBF Datasheet HTML 4Page - International Rectifier IRF6711STRPBF Datasheet HTML 5Page - International Rectifier IRF6711STRPBF Datasheet HTML 6Page - International Rectifier IRF6711STRPBF Datasheet HTML 7Page - International Rectifier IRF6711STRPBF Datasheet HTML 8Page - International Rectifier IRF6711STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
11/11/09
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.54mH, RG = 25Ω, IAS = 15A.
Notes:
IRF6711SPbF
IRF6711STRPbF
DirectFET
™ Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)
Typical values (unless otherwise specified)
PD - 96280
0
5
10
15
20
25
30
35
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 15A
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
5
10
15
ID = 15A
TJ = 25°C
TJ = 125°C
SQ
SX
ST
MQ
MX
MT
MP
Description
The IRF6711STRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is compatible with
existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering tech-
niques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual
sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6711STRPbF has low gate resistance and low charge along with ultra low package inductance providing significant reduction in
switching losses. The reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6711STRPbF has been optimized for the control FET socket of synchronous buck
operating from 12 volt bus converters.
l RoHS Compliant and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
DirectFET
™ ISOMETRIC
SQ
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
V
A
15
Max.
15
84
150
±20
25
19
62
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 3.0m
Ω @ 10V 5.2mΩ @ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
13nC
4.4nC
1.8nC
21nC
9.5nC
1.8V


Similar Part No. - IRF6711STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6711STRPBF IRF-IRF6711STRPBF Datasheet
308Kb / 9P
RoHS Compliant and Halogen Free
More results

Similar Description - IRF6711STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
DirectFET Power MOSFET
AUIRF7665S2TR IRF-AUIRF7665S2TR Datasheet
348Kb / 11P
DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF_09 Datasheet
264Kb / 9P
DirectFET Power MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
DirectFETPower MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com