Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J176 Datasheet(PDF) 1 Page - Calogic, LLC

Part # J176
Description  P-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

J176 Datasheet(HTML) 1 Page - Calogic, LLC

  J176 Datasheet HTML 1Page - Calogic, LLC J176 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P-Channel JFET Switch
J174 – J177 / SST174 – SST177
FEATURES
•• Low Insertion Loss
•• No Offset or Error Generated By Closed Switch
- Purely Resistive
- High Isolation Resistance From Driver
•• Short Sample and Hold Aperture Time
•• Fast Switching
APPLICATIONS
•• Analog Switches
•• Choppers
•• Commutators
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . . 30V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -55
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . . 300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
J174-J177
Plastic TO-92
-55
oC to +135oC
SST174-SST177
Plastic SOT-23
-55
oC to +135oC
For Sorted Chips in Carriers see 2N5114 series.
CORPORATION
PIN CONFIGURATION
TO-92
S
G
D
SOT-23
G
S
D
PRODUCT MARKING (SOT-23)
SST174
P04
SST175
P05
SST176
P06
SST177
P07
5508


Similar Part No. - J176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J176 PHILIPS-J176 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J176 FAIRCHILD-J176 Datasheet
58Kb / 5P
P-Channel Switch
logo
Linear Integrated Syste...
J176 LINEAR-J176 Datasheet
237Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J176 VISHAY-J176 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
logo
Fairchild Semiconductor
J176 FAIRCHILD-J176 Datasheet
728Kb / 12P
P-Channel Switch
More results

Similar Description - J176

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5114 CALOGIC-2N5114 Datasheet
33Kb / 2P
P-Channel JFET Switch
logo
Intersil Corporation
U304 INTERSIL-U304 Datasheet
62Kb / 2P
P-CHANNEL JFET SWITCH
IT100 INTERSIL-IT100 Datasheet
41Kb / 1P
P-CHANNEL JFET SWITCH
logo
Micross Components
LS5018_SOT-23 MICROSS-LS5018_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5018_TO-18 MICROSS-LS5018_TO-18 Datasheet
304Kb / 1P
P-Channel JFET switch
LS5019_SOT-23 MICROSS-LS5019_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5019_TO-18 MICROSS-LS5019_TO-18 Datasheet
303Kb / 1P
P-Channel JFET switch
LS5019_TO-92 MICROSS-LS5019_TO-92 Datasheet
307Kb / 1P
P-Channel JFET switch
logo
Calogic, LLC
2N5114 CALOGIC-2N5114_15 Datasheet
41Kb / 2P
P-Channel JFET Switch
J174 CALOGIC-J174_15 Datasheet
31Kb / 2P
P-Channel JFET Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com