Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M116 Datasheet(PDF) 1 Page - Calogic, LLC

Part # M116
Description  Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

M116 Datasheet(HTML) 1 Page - Calogic, LLC

  M116 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Diode Protected N-Channel
Enhancement Mode MOSFET
General Purpose Amplifier
M116
FEATURES
•• Low IGSS
•• Integrated Zener Clamp for Gate Protection
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain to Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Gate to Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Gate Zener Current . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.1mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +125oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 2.2mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
M116
Hermetic TO-72
-55
oC to +125oC
XM116
Sorted Chips in Carriers
-55
oC to +125oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
C
S
1003Z
DEVICE SCHEMATIC
ELECTRICAL CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
rDS(on)
Drain Source ON Resistance
100
Ω
VGS = 20V, ID = 100
µA
200
VGS = 10V, ID = 100
µA
VGS(th)
Gate Threshold Voltage
1
5
V
VGS = VDS, ID = 10
µA
BVDSS
Drain-Source Breakdown Voltage
30
ID = 1
µA, VGS = 0
BVSDS
Source-Drain Breakdown Voltage
30
IS = 1
µA, VGD = VBD = 0
BVGBS
Gate-Body Breakdown Voltage
30
60
IG = 10
µA, VSB = VDB = 0
ID(OFF)
Drain Cuttoff Current
10
nA
VDS = 20V, VGS = 0
IS(OFF)
Source Cutoff Current
10
VSD = 20V, VGD = VBD = 0
IGSS
Gate-Body Leakage
100
pA
VGS = 20V, VDS = 0
Cgs
Gate-Source (Note 1)
2.5
pF
VGB = VDB = VSB = 0, f = 1MHz
Body Guarded
Cgd
Gate-Drain Capacitance (Note 1)
2.5
Cdb
Drain-Body Capacitance (Note 1)
7
VGB = 0, VDB = 10V, f = 1MHz
Ciss
Input Capacitance (Note 1)
10
VGB = 0, VDB = 10V, VBS = 0, f = 1MHz
NOTE 1: For design reference only, not 100% tested.
1
2
3
4
0330


Similar Part No. - M116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
M116 INTERSIL-M116 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Vishay Siliconix
M116 VISHAY-M116 Datasheet
69Kb / 1P
enhancement-type n-channel MOSFET
1977
logo
MOSDESIGN SEMICONDUCTOR...
M1160 MOSDESIGN-M1160 Datasheet
24Kb / 1P
WITH 4 PATTERN DISPLAY 16 LED FLASH
2005-06-27
M1160P MOSDESIGN-M1160P Datasheet
24Kb / 1P
WITH 4 PATTERN DISPLAY 16 LED FLASH
2005-06-27
M1163 MOSDESIGN-M1163 Datasheet
68Kb / 2P
4 PATTERN DISPLAY 8 LED FLASH
2005-07-15
More results

Similar Description - M116

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3018S3 CYSTEKEC-2SK3018S3 Datasheet
324Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3541Y3 CYSTEKEC-2SK3541Y3 Datasheet
351Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
logo
Calogic, LLC
3N161 CALOGIC-3N161_15 Datasheet
29Kb / 1P
Diode Protected P-Channel Enhancement Mode MOSFET
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com