Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD210 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD210
Description  High-Speed Analog N-Channel DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD210 Datasheet(HTML) 1 Page - Calogic, LLC

  SD210 Datasheet HTML 1Page - Calogic, LLC SD210 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Speed Analog
N-Channel DMOS FETs
SD210 / SD212 / SD214
FEATURES
•• High Input to Output Isolation . . . . . . . . . . . . . . . . 120dB
•• Low On Resistance . . . . . . . . . . . . . . . . . . . . . . . . 30 Ohm
•• Low Feedthrough and Feedback Transients
•• Low Capacitance:
– Input (Gate). . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ.
– Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ.
– Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ.
•• No protection Diode from Gate to Substrate for Very
High Impedance Applications
•• Maximum Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . ±40V
APPLICATIONS
SD210:
•• Analog Switch Driver
SD212 and SD214:
•• Analog Switches
•• High-Speed Digital Switches
•• Multiplexers
•• A to D Converters
•• D to A Converters
•• Choppers
•• Sample & Hold
DESCRIPTION
The Calogic SD210 is a 30V analog switch driver without a
built-in protection diode from gate to substrate for use with
SD212 and SD214 DMOS analog switches.
ORDERING INFORMATION
Part
Package
Temperature Range
SD210E
Hermetic TO-72 Package
-55
oC to +125oC
XSS210
Sorted Chips in Carriers
-55
oC to +125oC
SD212DE
Hermetic TO-72 Package
-55
oC to +125oC
XSD212
Sorted Chips in Carriers
-55
oC to +125oC
SD214DE
Hermetic TO-72 Package
-55
oC to +125oC
XSD214
Sorted Chips in Carriers
-55
oC to +125oC
CORPORATION
SCHEMATIC DIAGRAM (Top View)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1
2
3
4
GATE
DRAIN
SOURCE
BODY AND
CASE
BODY IS INTERNALLY CONNECTED
TO THE CASE
1Q-23
CD1-2
TO-72
G
D
C
S


Similar Part No. - SD210

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
N-Channel Depletion Mode Lateral DMOS FET
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
SD210DE LINEAR-SD210DE Datasheet
163Kb / 2P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results

Similar Description - SD210

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD211 CALOGIC-SD211 Datasheet
29Kb / 2P
High-Speed Analo N-Channel DMOS FETs
SD310 CALOGIC-SD310 Datasheet
35Kb / 3P
High-Speed Analog N-Channel DMOS FETs Improved On -Resistance
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com