Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951C Datasheet(PDF) 8 Page - Calogic, LLC

Part # LP2951C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2951C Datasheet(HTML) 8 Page - Calogic, LLC

Back Button LP2951C Datasheet HTML 2Page - Calogic, LLC LP2951C Datasheet HTML 3Page - Calogic, LLC LP2951C Datasheet HTML 4Page - Calogic, LLC LP2951C Datasheet HTML 5Page - Calogic, LLC LP2951C Datasheet HTML 6Page - Calogic, LLC LP2951C Datasheet HTML 7Page - Calogic, LLC LP2951C Datasheet HTML 8Page - Calogic, LLC LP2951C Datasheet HTML 9Page - Calogic, LLC LP2951C Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
LP2950 / LP2951
CORPORATION
TYPICAL APPLICATIONS (continued)
LP2951
4
1G-24
GND
8
1
3
SENSE
MAIN V-
MEMORY V+
NI-CAD
BACKUP
BATTERY
CLM385
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
100K
Ω
1.5K
Ω
120K
Ω
400K
Ω
20K
Ω
FB
IN457
SD
V
OUT
+VIN
FOR 5.5V
LOW BATTERY DISCONNECT
+
1
µF
+
+V
IN
LP2951
TAP
4
1G-25
SD
GND
VOUT
6
ERROR
8
1
1
µF
+
3
+V
OUT
39k
Ω
100k
Ω
100k
Ω
100k
Ω
–
+
C4
2
SENSE
= 5V
7
39k
Ω
100k
Ω
1k
Ω
1k
Ω
10k
Ω
20k
Ω
<6.2V**
<6.0V**
<5.8V**
1%
1%
1%
1%
5
R
3
6V
LEAD-
ACID
BATTERY
REGULATOR WITH STATE-OF-CHARGE INDICATOR
RESET
–
+
C1
–
+
C2
–
+
C3
*OPTIONAL LATCH OFF WHEN DROPOUT OCCURS. ADJUST R3 FOR C2 SWITCHING WHEN V
IS 6.0V.
**OUTPUTS GO LOW WHEN V
DROPS BELOW DESIGNATED THRESHHOLDS.
IN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com