Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFH461 Datasheet(PDF) 2 Page - International Rectifier

Part # AFH461
Description  EMI FILTER HYBRID - HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFH461 Datasheet(HTML) 2 Page - International Rectifier

  AFH461 Datasheet HTML 1Page - International Rectifier AFH461 Datasheet HTML 2Page - International Rectifier AFH461 Datasheet HTML 3Page - International Rectifier AFH461 Datasheet HTML 4Page - International Rectifier AFH461 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
AFH461 Series
Specifications
Notes to Specifications
Electrical Characteristics -55°C≤TCASE ≤+125°C, 0≤VIN≤+50 unless otherwise specified
Input Voltage
-80V to +80V, Note 2
Input Curent
3.0A
Lead Soldering Temperature
+300°C for 10 seconds
Case Temperature - Operating
-55°C to +125°C
Case Temperature - Storage
-65°C to +135°C
Absolute Maximum Ratings, Note 1
Group A
Parameter
Subgroup
Conditions
Min.
Nom.
Max.
Unit
1, 2, 3
IIN < 500 A0
+40
Transient, Note 2
-50
+50
Output Current, Note 3
2.0
ADC
DC Resistant, Note 4
1
TC = 25°C
150
250
m
Power Dissipation
Maximum Current, TC = 25°C
1.0
W
TC = 25°C
Noise Reduction
4, 5, 6
1.0 kHZ
-1.0
+1.0
200 kHz - 500 kHz
-40
dB
500 kHz - 10 MHz
-60
Isolation
1
Any Pin to Case, Tested @ 500VDC
100
M
Capacitance
1, 2, 3
Measured between any Pin and Case
32
44
48
nF
Device Weight
Slight variation with Case Style
30
g
VDC
Input Voltage
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings
may degrade performance and affect reliability.
2.
Device can tolerate ± 100 Volt transient whose duration is
≤ 100 ms when RS ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and
the return in to return out resistance paths.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com