Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFH461EM Datasheet(PDF) 1 Page - International Rectifier

Part # AFH461EM
Description  EMI FILTER HYBRID - HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFH461EM Datasheet(HTML) 1 Page - International Rectifier

  AFH461EM Datasheet HTML 1Page - International Rectifier AFH461EM Datasheet HTML 2Page - International Rectifier AFH461EM Datasheet HTML 3Page - International Rectifier AFH461EM Datasheet HTML 4Page - International Rectifier AFH461EM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.irf.com
1
EMI FILTER
HYBRID - HIGH RELIABILITY
Description
n Up to 2.0 A Output Current
n Attenuation > 60dB@500 kHz
n Low Profile Seam Welded Package
n Ceramic Insulated Copper Core Pins
n Operation Over Full Military Temp. Range
n No Derating for -55°C to +125°C
Features
AFH
Typical Connection Diagram
The AFH Series EMI filter has been designed to provide
full compliance with the input line reflected ripple current
requirement specified by CE03 of MIL-STD-461C over
the extended military temperature range while
operating in conjunction with the corresponding AMA,
AMF and AMR series of DC-DC converters. These
filters are offered as part of a family of high reliability
conversion products providing single, dual and triple
output voltages while operating from nominal +28 volt
input line. Other converters operating with a similar
switching frequency will also benefit by use of this
device.
These EMI filters are hermetically packaged in a seam
welded enclosure utilizing axially oriented copper-core
pins which minimize resistive DC losses. This package
has been configured to complement the AMA, AMF and
AMR packages as a convenience in system installation
and is fabricated with International Rectifier’s rugged
ceramic lead-to-package seal assuring long term
hermetic seal integrity in harsh environments.
The EM grade is processed and screened to a
lower grade requirement. Flight grade are tested
to meet the complete group “A” test specifications
over the full military temperature range with no
derating. The design does not meet MIL-STD-
975 voltage derating requirements for some
ineternal components. Variations in electrical,
mechanical and screening requirements can be
accommodated. Contact IR San Jose for special
requirements.
08/02/12
AFH461 SERIES
AFH461
EMI Filter
AMF28XX
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
AMF28XX
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
Designed to meet the stringent requirements of military
and aerospace use, these devices are manufactured
in a facility fully qualified to MIL-PRF-38534, and are
available in two screening grades. The flight grade is
designed with the requirements of MIL-PRF-38534
for class K.
PD-95856C


Similar Part No. - AFH461EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
More results

Similar Description - AFH461EM

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com