Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS42 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS42
Description  ONE-OF-TEN DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS42 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS42 Datasheet HTML 1Page - Motorola, Inc SN54LS42 Datasheet HTML 2Page - Motorola, Inc SN54LS42 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-53
FAST AND LS TTL DATA
ONE-OF-TEN DECODER
The LSTTL / MSI SN54 / 74LS42 is a Multipurpose Decoder designed to ac-
cept four BCD inputs and provide ten mutually exclusive outputs. The LS42
is fabricated with the Schottky barrier diode process for high speed and is
completely compatible with all Motorola TTL families.
Multifunction Capability
Mutually Exclusive Outputs
Demultiplexing Capability
Input Clamp Diodes Limit High Speed Termination Effects
14
13
12
11
10
9
1
2
3
4
5
6
VCC
7
16
15
8
A0
A1
A2
A3
9
8
7
0
1
2
3
4
5
6
GND
NOTE:
The Flatpak version has the
same pinouts (Connection
Diagram) as the Dual In-Line
Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0 – A3
0 to 9
Address Inputs
Outputs, Active LOW (Note b)
0.5 U.L.
10 U.L.
0.25 U.L.
5(2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
3
LOGIC DIAGRAM
14
4
5
10
11
12
13
15
1
2
6
7
9
1
2
3
4
5
6
0
A0
A1
A2
A3
9
8
7
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
SN54/74LS42
ONE-OF-TEN DECODER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
15
14
13
12
0 1 2 3 4 5 6 7 8 9
1 2 3 4 5 6 7 9 10 11
A0 A1
A2
A3


Similar Part No. - SN54LS42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS42 TI-SN54LS42 Datasheet
213Kb / 7P
4-LINE BCD TO 10-LINE DECIMAL DECODERS
SN54LS42 TI-SN54LS42 Datasheet
426Kb / 9P
4-LINE TO 10-LINE DECODERS (1-OF-10)
SN54LS42 TI1-SN54LS42 Datasheet
224Kb / 7P
4-LINE BCD TO 10-LINE DECIMAL DECODERS
SN54LS42 TI2-SN54LS42 Datasheet
293Kb / 8P
4-LINE BCD TO 10-LINE DECIMAL DECODERS
REVISED MARCH 1988
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN54LS42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
logo
STMicroelectronics
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
PAL/NTSC ONE-CHIP DECODER
Jun-1993
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
1-of-8 Decoder
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
1 - OF - 10 DECODER
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
Distributes one clock input to one bank of ten outputs
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
logo
Motorola, Inc
74LS42N MOTOROLA-74LS42N Datasheet
40Kb / 3P
ONE-OF-TEN DECODER LOW POWER SCHOTTKY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com