Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMF2803R3S Datasheet(PDF) 3 Page - International Rectifier

Part # AMF2803R3S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2803R3S Datasheet(HTML) 3 Page - International Rectifier

  AMF2803R3S Datasheet HTML 1Page - International Rectifier AMF2803R3S Datasheet HTML 2Page - International Rectifier AMF2803R3S Datasheet HTML 3Page - International Rectifier AMF2803R3S Datasheet HTML 4Page - International Rectifier AMF2803R3S Datasheet HTML 5Page - International Rectifier AMF2803R3S Datasheet HTML 6Page - International Rectifier AMF2803R3S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
AMF28XXS Series
(28V Input, Single Output)
Static Characteristics (Continued) -55°C ≤ TCASE ≤ +125°C, VIN = 28 VDC ±5%, CL = 0, unless otherwise specified.
For Notes to Specifications, refer to page 5
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Current
No Load
Inhibit
1, 2, 3
1, 2, 3
Vin = 28V,
Iout = 0, Inhibit (pin 1) = open
(AMF2812S and AMF2815S)
(All other Models)
Inhibit (pin 1) shorted to input
return (pin 7) (All Models)
30
20
8.0
50
30
12
mA
Input Ripple Current
1, 2, 3
Vin = 16, 28, 40 Volts, 100%
load, BW = 20 Hz to 2 MHz
20
50
mAPP
Efficiency
AMF2803R3S
AMF2805S
AMF2807R5S
AMF2812S
AMF2815S
AMF2803R3S
AMF2805S
AMF2807R5S
AMF2812S
AMF2815S
1
1, 3
1, 3
1, 3
1, 3
2, 3
2
2
2
2
100% load
71
76
77
78
78
70
72
73
75
75
%
Isolation
1
Input to output or any pin to
case (except pin 6) at 500Vdc
100
M
Ω
Capacitive Load
3, 4
AMF2803R3S
AMF2805S
AMF2807R5S
AMF2812S
AMF2815S
4
4
4
4
4
No effect on dc performance
500
500
300
200
200
µF
Short Circuit Power Dissipation
1, 2, 3
AMF2803R3S
All other Models
7.0
6.0
W
Short Circuit Recovery
4
4, 5, 6
0% load to 100% Load
20
ms
Switching Frequency
4, 5, 6
100% load
500
550
600
KHz
MTBF
MIL-HDBK-217F
SF @ Tc = 35ºC
750
Khr
Weight
36
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com