Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMR2815DEM Datasheet(PDF) 3 Page - International Rectifier

Part # AMR2815DEM
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2815DEM Datasheet(HTML) 3 Page - International Rectifier

  AMR2815DEM Datasheet HTML 1Page - International Rectifier AMR2815DEM Datasheet HTML 2Page - International Rectifier AMR2815DEM Datasheet HTML 3Page - International Rectifier AMR2815DEM Datasheet HTML 4Page - International Rectifier AMR2815DEM Datasheet HTML 5Page - International Rectifier AMR2815DEM Datasheet HTML 6Page - International Rectifier AMR2815DEM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
AMR28XXD Series
(28V Input, Dual Output)
Static Characteristics (Continued) -55°C ≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0,unless otherwise pecified.
For Notes to Specifications, refer to page 5
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Cross Regulation
5
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
10% TO 90% Load change
10
5.0
5.0
%
Input Current
No Load
AMR2805D
AMR2812D
AMR2815D
Inhibit
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
Iout=0, Inhibit =open
Inhibit shorted to input return
20
20
20
8.0
8.0
8.0
70
75
100
15
18
18
mA
Input Ripple Current
3, 4
1, 2, 3
Vin = 16, 28, 40 Volts, 100%
load, BW = 20 Hz to 2 MHz
50
mAPP
Efficiency
4
AMR2805D
AMR2812D
AMR2815D
AMR2805D
AMR2812D
AMR2815D
1
1
1
2, 3
2, 3
2, 3
100% load
76
80
79
72
75
74
%
Isolation
1
Input to output or any pin to
case (except case ground pin)
at 500Vdc
100
M
Ω
Capacitive Load
6, 7
4
No effect on dc performance
200
µF
Short Circuit Power Dissipation
1, 2, 3
9.0
W
Switching Frequency 4
4, 5, 6
100% load
500
550
600
KHz
Sync frequency range
4, 5, 6
100% load
500
700
KHz
MTBF
MIL-HDBK-217F, SF@
Tc=35°C
800
Khrs
Weight
68
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com