Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARH2802R5DEM Datasheet(PDF) 2 Page - International Rectifier

Part # ARH2802R5DEM
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2802R5DEM Datasheet(HTML) 2 Page - International Rectifier

  ARH2802R5DEM Datasheet HTML 1Page - International Rectifier ARH2802R5DEM Datasheet HTML 2Page - International Rectifier ARH2802R5DEM Datasheet HTML 3Page - International Rectifier ARH2802R5DEM Datasheet HTML 4Page - International Rectifier ARH2802R5DEM Datasheet HTML 5Page - International Rectifier ARH2802R5DEM Datasheet HTML 6Page - International Rectifier ARH2802R5DEM Datasheet HTML 7Page - International Rectifier ARH2802R5DEM Datasheet HTML 8Page - International Rectifier ARH2802R5DEM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
ARH28XXS Series
28V Input, Single Output
Specifications
Electrical Performance -55°C < T
CASE < +125°C, VIN = 28V±5%, CL = 0 unless otherwise specified.
For Notes to Specifications, refer to page 4
Parameter
Symbol
Test Conditions
Limit
MIN
Limit
MAX
Units
Output voltage accuracy
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VOUT
POUT = 30 W, TC = +25
°C
2.487
3.283
4.975
5.174
11.940
14.925
2.513
3.317
5.025
5.226
12.060
15.075
Vdc
Output power
POUT
18 Vdc < VIN < 50Vdc
0
30
W
Output current
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
IOUT
18 Vdc < VIN < 50Vdc
0
0
0
0
0
0
12000
9090
6000
5770
2500
2000
mAdc
Line regulation Note 3
VRLINE
18 Vdc < VIN < 50Vdc, 0 < IOUT < IMAX
-1.0
+1.0
%
Load regulation Note 4
VRLOAD
18 Vdc < VIN < 50Vdc, 0 < IOUT < IMAX
-2.0
+2.0
%
Total regulation
VR
All conditions of Line, Load, Temperature,
Radiation and End of Life
-4.0
+4.0
%
No-load input current
IIN
IOUT = 0 (Pin 3 open)
inhibited (Pin 3 shorted to pin 2)
—
—
100
8.0
mA
Output ripple and noise voltage
Note 5
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VRIP
18 Vdc < VIN < 50Vdc, IOUT = IMAX
30
30
40
40
50
50
mVp.p
+18V to +60VDC
+18V to +50V for full derating to MIL-STD-1547
Soldering temperature
300°C for 10 seconds
Output Power
0 to 30W
Storage case temperature -65°C to +135°C
-55°C to +125°C
-55°C to +85°C for full derating to MIL-STD-975
Operating case temperature
Recommended Operating Conditions
Absolute Maximum Ratings
Input Voltage range
-0.5V to +80VDC
Input Voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com