Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTA20005DEM Datasheet(PDF) 5 Page - International Rectifier

Part # HTA20005DEM
Description  HIGH TEMPERATURE DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20005DEM Datasheet(HTML) 5 Page - International Rectifier

  HTA20005DEM Datasheet HTML 1Page - International Rectifier HTA20005DEM Datasheet HTML 2Page - International Rectifier HTA20005DEM Datasheet HTML 3Page - International Rectifier HTA20005DEM Datasheet HTML 4Page - International Rectifier HTA20005DEM Datasheet HTML 5Page - International Rectifier HTA20005DEM Datasheet HTML 6Page - International Rectifier HTA20005DEM Datasheet HTML 7Page - International Rectifier HTA20005DEM Datasheet HTML 8Page - International Rectifier HTA20005DEM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.irf.com
5
HTA-SERIES
(185°C, 200V Input, Single/Dual Output)
Fig 1. Circuit for Measuring Output Ripple Voltage
+ Vout
Return
DUT
R
L for IRATED
0.1 µF
50
Ω Coax
50
Ω
Oscilliscope or Equivalent
with 10 MHz Bandwidth.
Multiply readings by 2.
1 µF
50
Ω
Termination
Notes for Electrical Performance Characteristics Table
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be
guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Output load current must be distributed such that at least 20% of the total load current is being provided by one
of the outputs.
4.
Load current split equally between outputs on dual output models.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the other
output from 20% to 80% of rated.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20kHz to 10MHz bandwidth using the circuit on
page 6.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT = 90% of
nominal.
9.
Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the
inhibit pin (pin 4) to the point where VOUT = 90% of nominal.
10. Transient recovery time is from the change in load condition until the output is within 3% of the nominal output
voltage.
11. Recovery time is measured from initiation of the transient to where VOUT has returned to within
±1% of VOUT at
50% load.
12. Load transient time
≥ 10µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com