Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18103 Datasheet(PDF) 1 Page - C&D Technologies

Part # 18103
Description  Axial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

18103 Datasheet(HTML) 1 Page - C&D Technologies

  18103 Datasheet HTML 1Page - C&D Technologies 18103 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
s
Axial Format
s
Up to 5.35A IDC
s
4.7µH to 10mH
s
Low DC Resistance
s
Compact Size
s
Fully Tinned Leads
s
MIL-I-23053/5 Class III Sleeving
s
Supplied in Packs of 10
s
Custom & Radial Parts Available
DESCRIPTION
The 1800 Series of inductors are particularly
suited to use with a wide variety of switching
regulators. Offering high current handling
with a low mounting height, the devices are
ideal where space is at a premium.
Specifications typical at TA =25°C
Operating free air temperature range
0°C to 70°C
Storage temperature range
–55°C to 125°C
ABSOLUTE MAXIMUM RATINGS
SELECTION GUIDE
Nominal Self
DC
DC Current
Nominal Q
Resonant
Inductance
Resistance
Continuous
at f kHz
Frequency
±10% (at 1kHz)
m
Ω
A
Q
f
MHz
Order Code
µH
MAX
MAX
18472
4.7
9
5.35
112
1000
36.4
18682
6.8
12
4.15
78
500
23.6
18103
10
15
3.45
64
500
19.0
18153
15
18
3.00
55
500
15.9
18223
22
25
2.42
59
500
11.8
18333
33
40
2.00
48
500
11.5
18473
47
55
1.65
55
500
8.5
18683
68
70
1.35
31
100
6.6
18104
100
100
1.20
40
100
7.4
18154
150
165
1.10
47
100
4.4
18224
220
230
0.90
46
100
3.5
18254
250
255
0.80
50
100
3.7
18334
330
335
0.73
58
100
3.0
18474
470
465
0.60
56
100
2.2
18684
680
630
0.53
55
100
2.0
18105
1mH
1.0
Ω
0.44
94
50
1.6
18155
1.5mH
1.5
Ω
0.33
107
50
1.3
18225
2.2mH
2.2
Ω
0.30
108
50
1.1
18335
3.3mH
3.5
Ω
0.22
143
50
0.8
18475
4.7mH
4.6
Ω
0.20
128
40
0.7
18685
6.8mH
7.0
Ω
0.15
144
40
0.6
18106
10mH
12
Ω
0.13
143
40
0.5
Inductance
Resistance
Curie
Saturation
Temperature
Temperature
Temperature
Flux
Coefficient
Coefficient
TC
BSAT
450ppm
4000ppm
190°C
325mT
TYPICAL CORE CHARACTERISTICS
1800 SERIES
Axial Lead Inductors
www.dc-dc.com


Similar Part No. - 18103

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
18103 EXTREMENETWORKS-18103 Datasheet
212Kb / 6P
Simplified edge switch operation leveraging the power of ExtremeXOS® aggregation switches
12sep23
logo
PHOENIX CONTACT
1810337 PHOENIX-1810337 Datasheet
86Kb / 3P
Base strip - IC 2,5/ 2-GF-5,08 EX
1810366 PHOENIX-1810366 Datasheet
371Kb / 9P
IC 2,5/ 5-GF-5,08 EX - PCB header
1810395 PHOENIX-1810395 Datasheet
372Kb / 9P
IC 2,5/ 8-GF-5,08 EX - PCB header
logo
Murata Manufacturing Co...
18103C MURATA-18103C Datasheet
94Kb / 2P
Axial Lead Inductors
More results

Similar Description - 18103

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
AXIAL LEAD
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
logo
Murata Manufacturing Co...
KMP_1800 MURATA-KMP_1800 Datasheet
94Kb / 2P
Axial Lead Inductors
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
logo
Murata Power Solutions ...
1800 MURATA-PS-1800 Datasheet
87Kb / 2P
Axial Lead Inductors
logo
Illinois Capacitor, Inc...
105TMA100M ILLINOISCAPACITOR-105TMA100M Datasheet
113Kb / 1P
AXIAL LEAD
105TMA200M ILLINOISCAPACITOR-105TMA200M Datasheet
112Kb / 1P
AXIAL LEAD
105TMA350M ILLINOISCAPACITOR-105TMA350M Datasheet
113Kb / 1P
AXIAL LEAD
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
AXIAL LEAD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com