Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17823 Datasheet(PDF) 1 Page - C&D Technologies

Part # 17823
Description  Radial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

17823 Datasheet(HTML) 1 Page - C&D Technologies

  17823 Datasheet HTML 1Page - C&D Technologies 17823 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cdpoweronline.com
FEATURES
■
Radial Format
■
Up to 1.8A IDC
■
10µH to 68mH
■
Low DC Resistance
■
Miniature Size
■
PCB Mounting
■
MIL-I-23053/5 Class III Sleeving
■
Fully Tinned Leads
■
Supplied in Packs of 20
■
Custom Parts Available
DESCRIPTION
The 1700 Series is a general-purpose range
of inductors suitable for low to medium
current applications. Their small footprint
makes them ideal for high-density
applications where a chip inductor will not
cope with the power requirement.
Specifications typical at TA =25°C
Operating free air temperature range
0°C to 70°C
Storage temperature range
–40°C to 125°C
ABSOLUTE MAXIMUM RATINGS
SELECTION GUIDE
Nominal Self
DC
DC Current
Nominal Q
Resonant
Inductance
Resistance
Continuous
at f kHz
Frequency
±10% (at 1kHz)
Ω
A
Qf
MHz
Order Code
µH
MAX
MAX
17103
10.0
0.05
1.80
40
1000
21.2
17153
15.0
0.06
1.50
30
500
19.4
17223
22.0
0.08
1.20
30
500
17.0
17333
33.0
0.13
1.00
25
500
11.4
17473
47.0
0.20
0.86
25
500
10.9
17683
68.0
0.26
0.85
70
100
10.6
17104
100.0
0.35
0.74
65
100
8.9
17154
150.0
0.49
0.58
80
100
6.2
17224
220.0
0.75
0.48
90
100
5.4
17334
330.0
1.10
0.42
95
100
4.5
17474
470.0
1.50
0.34
100
100
3.2
17684
680.0
2.40
0.28
105
100
3.0
17105
1.0mH
3.30
0.19
120
100
2.5
17155
1.5mH
5.90
0.15
130
100
2.1
17225
2.2mH
7.80
0.12
130
50
1.9
17335
3.3mH
9.1
0.11
125
150
1.2
17475
4.7mH
12.0
0.09
130
150
0.95
17685
6.8mH
20.0
0.08
135
150
0.85
17106
10.0mH
34.0
0.07
140
150
0.62
17156
15.0mH
45.0
0.06
145
150
0.51
17226
22.0mH
75.0
0.05
100
50
0.34
17336
33.0mH
100.0
0.04
90
50
0.28
17476
47.0mH
140.0
0.03
80
50
0.25
17686
68.0mH
220.0
0.02
70
50
0.20
Inductance
Resistance
Curie
Saturation
Temperature
Temperature
Temperature
Flux
Coefficient
Coefficient
TC
BSAT
350ppm
3900ppm
190°C
325mT
TYPICAL CORE CHARACTERISTICS
1700 SERIES
Radial Lead Inductors


Similar Part No. - 17823

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1782300000 WEIDMULLER-1782300000 Datasheet
629Kb / 8P
Z-series ZDLD 2.5-2N
November 21, 2016
logo
Festo Corporation.
178233 FESTO-178233 Datasheet
72Kb / 1P
Distributor block
178234 FESTO-178234 Datasheet
72Kb / 1P
Distributor block
178235 FESTO-178235 Datasheet
70Kb / 1P
Distributor block
logo
PHOENIX CONTACT
1782352 PHOENIX-1782352 Datasheet
126Kb / 8P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THR
09/12/2020
More results

Similar Description - 17823

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com