Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6785MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6785MPBF
Description  Latest MOSFET Silicon technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6785MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6785MPBF Datasheet HTML 1Page - International Rectifier IRF6785MPBF Datasheet HTML 2Page - International Rectifier IRF6785MPBF Datasheet HTML 3Page - International Rectifier IRF6785MPBF Datasheet HTML 4Page - International Rectifier IRF6785MPBF Datasheet HTML 5Page - International Rectifier IRF6785MPBF Datasheet HTML 6Page - International Rectifier IRF6785MPBF Datasheet HTML 7Page - International Rectifier IRF6785MPBF Datasheet HTML 8Page - International Rectifier IRF6785MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6785MTRPbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.94mH, RG = 25Ω, IAS = 8.4A.
ƒ Surface mounted on 1 in. square Cu board.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80% VDSS.
† Used double sided cooling , mounting pad with large heatsink.
‡ Mounted on minimum footprint full size board with
metalized back and with small clip heatsink.
ˆ TC measured with thermal couple mounted to top
(Drain) of part.
‰ Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.22
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
85
100
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
–––
3.0
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
8.9
–––
–––
S
Qg
Total Gate Charge
–––
26
36
VDS = 100V
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.3
–––
VGS = 10V
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.3
–––
ID = 4.2A
Qgd
Gate-to-Drain Charge
–––
6.9
–––
nC
See Fig. 6 and 17
Qgodr
Gate Charge Overdrive
–––
11.5
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.2
–––
td(on)
Turn-On Delay Time
–––
6.2
–––
tr
Rise Time
–––
8.6
–––
td(off)
Turn-Off Delay Time
–––
7.2
–––
ns
tf
Fall Time
–––
14
–––
Ciss
Input Capacitance
–––
1500
–––
Coss
Output Capacitance
–––
160
–––
Crss
Reverse Transfer Capacitance
–––
31
–––
pF
Coss
Output Capacitance
–––
1140
–––
Coss
Output Capacitance
–––
69
–––
Coss eff.
Effective Output Capacitance
–––
140
–––
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
–––
–––
19
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
27
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
71
–––
ns
Qrr
Reverse Recovery Charge
–––
190
–––
nC
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 160V g
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 160V, ƒ = 1.0MHz
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 4.2A, VGS = 0V f
TJ = 25°C, IF = 4.2A, VDD = 25V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 4.2A f
VDS = VGS, ID = 100µA
VDS = 200V, VGS = 0V
VDS = 160V, VGS = 0V, TJ = 125°C
VDD = 100V
ID = 4.2A
RG = 6.0Ω
VGS = 20V
VGS = -20V
Conditions
VDS = 10V, ID = 4.2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com