Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

766 Datasheet(PDF) 1 Page - C&D Technologies

Part # 766
Description  Pulse Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

766 Datasheet(HTML) 1 Page - C&D Technologies

  766 Datasheet HTML 1Page - C&D Technologies 766 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
766 SERIES
Pulse Transformers
www.dc-dc.com
Order Code
µH
Vµs
µH
pF
Ω
VDC
76600/1
1:1
2060
17.50
0.60
35
1.50
76600/2
1:1
492
8.50
0.30
20
0.80
500
A
76600/3
1:1
219
5.50
0.25
12
0.50
76600/4
1:1
50
4.00
0.20
10
0.40
76601/1
1:1
2060
17.5
0.60
35
1.50
76601/2
1:1
492
8.50
0.30
20
0.80
76601/3
1:1
219
5.50
0.25
12
0.50
76601/4
1:1
50
4
0.20
10
0.40
3
76601/6
1:1
9.5
6
0.20
10
0.40
76601/8
1:1
1000
12
0.30
25
0.30
500
B
76601/9
1:1
11mH
51
65
5
5.00
76601/16
1:1
4000
50
0.60
45
1.50
76601/20
1:1
20.1
2.5
0.20
5
0.20
76601/23
1:1
938
10.5
0.20
35
0.15
76601/24
1:1
11.7mH
50.5
0.40
80
1.35
76602/1
1:1:1
2060
17.5
0.60
35
1.50
76602/2
1:1:1
492
8.5
0.30
20
0.80
76602/3
1:1:1
219
5.5
0.25
12
0.50
76602/5
1:1:1
23
2.5
0.20
8
0.30
500
C
1
76602/6
1:1:1
9.5
6
0.20
10
0.40
76602/8
1:1:1
469
10.5
3.50
3
0.40
76602/9
1:1:1
5870
37.5
0.90
60
1.70
76603/3
2:1
219
5.5
0.60
8
0.50
500
G
3
76604/1
2:1
1970
17
1.60
20
1.50
500
B
3
76605/1
2:1:1
2160
18
1.60
20
1.50
76605/2
2:1:1
540
9
0.80
10
0.80
500
D
1
76605/6
2:1:1
9.5
6
0.40
8
0.40
76606/1
3:1
1970
17
1.80
15
1.50
500
G
3
76607/3
3:1
251
6
1.00
5
0.50
500
B
3
76608/9
3:3:2
400
9.5
0.50
15
0.20
500
H
1
76610/1
4:1
2160
18
2.80
12
1.50
76610/4
4:1
90
5
1.00
5
0.40
500
B
3
76610/6
4:1
9.5
6
1.20
5
0.40
76613/1
1CT:1
1970
17
0.70
36
1.60
76613/2
1CT:1
540
9
0.40
22
0.90
76613/3
1CT:1
219
5.5
0.30
13
0.60
500
E
2
76614/1
2CT:1
1970
17
1.00
35
1.50
76614/3
2CT:1
125
6
0.50
12
0.50
76615/1
1CT:1CT
3200
45
2.00
27
1.00
76615/6
1CT:1CT
400
9.5
85
3
0.30
76616/1
1CT:2CT
1800
15.5
1.00
20
1.00
500
F
1
76616/3
2CT:1CT
4350
23
3.00
20
1.00
76616/8
1CT:2CT
7600
30.5
0.80
25
1.80
FEATURES
s
6 Configurations
s
Inductance to 11mH
s
Toroidal Construction
s
Up to 50 VµS ET
s
Fully Encapsulated
s
PCB Mounting
s
Industry Standard Pinout
s
Isolation to 500VDC
s
UL 94V-0 Package Material
DESCRIPTION
The 766 series is a comprehensive range of
general purpose pulse transformers. Common
applications include line coupling, matching
or isolating. The devices can also be used in
small isolated power supplies and also as
common-mode chokes in filtering
applications. Please contact the technical
support desk to discuss your requirements.
Operating free air temperature range
0°C to 70°C
Storage temperature range
--60°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
Isolation voltage (flash tested for 1 second)
500VDC
ABSOLUTE MAXIMUM RATINGS
SELECTION GUIDE
1 Measured at 10kHz, 10mV
All specifications typical at TA =25°C


Similar Part No. - 766

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
766 CTS-766 Datasheet
140Kb / 5P
Leaded Surface Mount
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
766 MURATA-PS-766 Datasheet
150Kb / 4P
Pulse Transformers
2021
logo
Amphenol Wilcoxon Sensi...
766 WILCOXON-766 Datasheet
267Kb / 1P
Industrial accelerometers
Rev.I.1 12/18
logo
Keystone Electronics Co...
766 KEYSTONE-766 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 766

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com