Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2-XFPF Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # TM2-XFPF
Description  LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

TM2-XFPF Datasheet(HTML) 1 Page - MRV Communications, Inc.

  TM2-XFPF Datasheet HTML 1Page - MRV Communications, Inc. TM2-XFPF Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TM2-XFPF is a single slot module incorporating two
independent 10GE XFP transponders, that convert the “gray”
wavelength of a terminal equipment interface to ITU-T grid
DWDM wavelength enabling its transport via the LambdaDriver®
Optical Transport System.
A key feature of each of the channels is the support of the G.709
FEC protocol as well as the Enhanced FEC (EFEC), with superior
error correction performance.
The FEC functionality significantly extends the overall distance
reach of a 10GE rate link while keeping the expected industry
standard BER performance.
The FEC/EFEC mode is user selectable via the system management card.
Performance monitoring is supported for both access and trunk
ports, providing the relevant conditions and alarms at each
receive side.
Statistics for current 15 minutes interval and up to 32 previous
intervals can be viewed.
For 10GE traffic performance parameters are defined by RFC2819
(RMON).
Line and Diagnostic Loop-back functionality is supported and
provides an essential tool for troubleshooting and maintenance
operations in a live network.
The Diagnostics loop-back function checks the integrity of the
internal ports circuitry while the Line loop-back is used to check
the fiber connections integrity. The Line loop-back and the
Diagnostics loop-back are available for both the Access (Client)
and trunk ports.
This module is supported by all LambdaDriver chassis with an
MNGP model management card.
The Link Integrity Notification (LIN) function allows the terminal
equipment to detect the link failure in the path between the two
terminal equipment units regardless of the location of the failure.
LambdaDriver®–10GE XFP - Dual Transponder Module with FEC (TM2-XFPF)
Overview
Redundant Link Transponder
Dual Transponder
TM2-XFPF
10GE LAN/WAN data rate
3R support
G.709 performance monitoring
Line and Diagnostics Loop-back tests
XFP digital diagnostics
Link Integrity Notification (LIN)
Hot swappable
Applications
10 GE signal regeneration and optical wavelength
conversion
DWDM networks with end-to-end performance
monitoring
Data rate upgrade of existing CWDM/DWDM networks
Extended optical spans at 10 Gbps performance
Features
TM2-XFPF
TM2-XFPF
WDM & Optical Transport
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - TM2-XFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
More results

Similar Description - TM2-XFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-4CC10G MRV-EM1600-4CC10G Datasheet
2Mb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module(EM1600-4CC10G)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
SFP Multi-Rate Dual OTN/FEC Transponder
EM1600-8CC10G MRV-EM1600-8CC10G_14 Datasheet
258Kb / 2P
LambdaDriver짰 ??0Gbps 8 ports XFP - EXC Module
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-40GT8 MRV-TM-40GT8 Datasheet
862Kb / 2P
LambdaDriver짰??DWDM 40Gbps Transponder
TM-DXFPF MRV-TM-DXFPF Datasheet
368Kb / 2P
LambdaDriver짰??0Gbps Transponder with FEC
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com