Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P613P Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P613P
Description  FLYBACK TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P613P Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P613P Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P613P SERIES
• Flyback transformers for 13 Watt and 25 Watt PoE applications
• Operating Frequency 250KHz
• Isolation 1500Vrms, 60 seconds (Pri, Aux to Sec)
• Operating Temperature -40ºC to +125ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
Power
(W)
Pri OCL
(μH)
DCR
(mΩ MAX)
Pri L
L
(μH MAX)
Turns Ratio
±5%
Output
Sec
Schematic
P613P-
±10%
Pri
Sec
Aux
Pri:Sec
Pri:Aux
V / A
33A
13
127
0.255
0.024
0.31
1.25
1 : 0.116
1 : 0.50
3.3 / 4
A
50A
13
127
0.222
0.039
0.348
0.95
1 : 0.250
1 : 0.50
5.0 / 2.6
A
12A
13
127
0.200
0.065
0.308
0.65
1 : 0.500
1 : 0.50
12 / 1.08
A
19A
13
127
0.290
0.066
0.355
0.80
1 : 0.567
1 : 0.50
19.5 / 0.67
A
24A
13
127
0.255
0.067
0.315
0.60
1 : 0.667
1 : 0.50
24 / 0.54
A
33B
25
37
0.089
0.0046
0.096
0.75
1 : 0.150
1 : 0.60
3.3 / 7.5
B
50B
25
37
0.089
0.0062
0.074
0.75
1 : 0.200
1 : 0.50
5 / 5
B
Note:
1.
Primary OCL measured @ 250KHz 0.7Vrms
2.
Primary Leakage L measured @ 250KHz 0.7Vrms with all Sec shorted
3.
DCR measured with windings in parallel
4.
Hi-pot: 1500Vrms, 1mA, 60s (Pri, Aux to Sec); 1800Vrms, 1mA, 5s (Pri, Aux, Core to Sec); 500Vrms, 1mA, 5s (between Pri, Aux, and Core)
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
FLYBACK TRANSFORMERS
DIMENSIONS
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch:.XX:±0.010.XXX:±0.005
mm:X,X:±0,254X,XX:±0,13
SCHEMATIC
SCHEMATIC A
SCHEMATIC B


Similar Part No. - P613P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6139B ETC2-P6139B Datasheet
818Kb / 4P
500 MHz Passive Probes
logo
TEKTRONIX, INC.
P6139B TEKTRONIX-P6139B Datasheet
810Kb / 4P
500 MHz Passive Probes
P6139B TEKTRONIX-P6139B Datasheet
803Kb / 4P
500 MHz Passive Probes
28 Jan 2016
P6139B TEKTRONIX-P6139B Datasheet
13Mb / 30P
2 Series MSO Mixed Signal Oscilloscope Datasheet
16 Sep 2022
P6139B-PK10 TEKTRONIX-P6139B-PK10 Datasheet
803Kb / 4P
500 MHz Passive Probes
28 Jan 2016
More results

Similar Description - P613P

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C1173-AL COILCRAFT-C1173-AL Datasheet
182Kb / 1P
Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
Flyback Transformers
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
Flyback Transformers
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
Flyback Transformers
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
Flyback Transformers
POE30P-33L COILCRAFT-POE30P-33L_15 Datasheet
437Kb / 2P
Flyback Transformers
logo
Myrra
EE25 MYRRA-EE25 Datasheet
102Kb / 1P
FLYBACK TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com