Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI25T Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PI25T
Description  SMT HIGH CURRENT PLANAR TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PI25T Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PI25T Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PI25 SERIES
• HighThermalEfficiency&EnergyStorage
• HighCurrentRatingUpto73Amps
• LowerProfileof7.4mmMax.
• WiderFlexibilityofInductances
• Footprint23.50mmX19.50mm
• OperatingTemperature-40ºCto+130ºC
• CustomDesignAvailable
ELECTRICAL PARAMETERS @25°C
Part Number
PI25-
Inductance
@ 0 A
DC
(uH±10%)
Inductance
@ I
rated
(uH±15%)
I
rated
(A
DC)
DC Resistance
(mΩ MAX)
Turns Ratio
Isolation
(V
DC)
I
saturation
(A)
I
heating
@25ºC
@100ºC
Primary
Secondary
Primary
Secondary
S1604
2.10
2.00
30.0
2.0
1500
4T
16T
1500
45
40
37.0
NOTES:
1. Inductance of TI25S1604 measured on Agilient/HP4284 between pins 7 & 11 at 100 KHz, 0.1 Vrms.
2. The I
rated is either 85% of the Isaturation or the Iheating depending which is lower.
3. The I
saturation is the current which causes the inductance to drop by 15% of its nominal value.
4. The I
heating is the current which causes the temperature of the part to increase by approximately 45°C.
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SMTHIGHCURRENT
PLANARTRANSFORMERS
DIMENSIONS (mm)
SUGGESTEDPADLAYOUT
SCHEMATICS
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch:.XX:±0.015.XXX:±0.004
mm:X,X:±0,38X,XX:±0,10


Similar Part No. - PI25T

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PI25 MPSIND-PI25 Datasheet
629Kb / 2P
SMT HIGH CURRENT PLANAR INDUCTORS
logo
AMI SEMICONDUCTOR
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
200DPI CIS Sensor
logo
HD MicroSystems, Ltd
PI2525 HDMS-PI2525 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
PI2555 HDMS-PI2555 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
PI2574 HDMS-PI2574 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
More results

Similar Description - PI25T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P822X PULSE-P822X Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
Coilcraft lnc.
PL140-100L COILCRAFT-PL140-100L Datasheet
160Kb / 2P
SMT Planar Transformers
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
PE-68210T PULSE-PE-68210T Datasheet
119Kb / 1P
SMT CURRENT TRANSFORMERS
logo
Coilcraft lnc.
PL300 COILCRAFT-PL300_15 Datasheet
471Kb / 2P
SMT Planar Transformers
PL160 COILCRAFT-PL160_16 Datasheet
157Kb / 2P
SMT Planar Transformers
PL140 COILCRAFT-PL140_15 Datasheet
395Kb / 2P
SMT Planar Transformers
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
SMT Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com