Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB04U Datasheet(PDF) 2 Page - C&D Technologies

Part # HB04U
Description  4.0 WATT UNREGULATED HIGH ISOLATION DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HB04U Datasheet(HTML) 2 Page - C&D Technologies

  HB04U Datasheet HTML 1Page - C&D Technologies HB04U Datasheet HTML 2Page - C&D Technologies HB04U Datasheet HTML 3Page - C&D Technologies HB04U Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
HB04U REV C 11/99
NOMINAL
RATED
RATED
INPUT CURRENT
INPUT
OUTPUT
OUTPUT
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(%)
HB04U05S05
5
5
800
60
1000
80
HB04U05S12
5
12
333
60
1000
80
HB04U05S15
5
15
267
60
1000
80
HB04U12S05
12
5
800
25
380
87
HB04U12S12
12
12
333
25
380
87
HB04U12S15
12
15
267
25
380
87
HB04U15S05
15
5
800
20
310
87
HB04U15S12
15
12
333
20
310
87
HB04U15S15
15
15
267
20
310
87
HB04U05D05
5
±5
±400
60
944
85
HB04U05D12
5
±12
±167
60
944
85
HB04U05D15
5
±15
±134
60
944
85
HB04U12D05
12
±5
±400
25
375
88
HB04U12D12
12
±12
±167
25
375
88
HB04U12D15
12
±15
±134
25
375
88
HB04U15D05
15
±5
±400
20
300
88
HB04U15D12
15
±12
±167
20
300
88
HB04U15D15
15
±15
±134
20
300
88
Note: Other input to output voltage options may be available. Please consult factory.
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25°C, nominal input voltage, rated output current unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
13.5
15
16.5
Reflected Ripple Current
35
mAp-p
ISOLATION
Rated Voltage
3000
VDC
Test Voltage
60 Hz, 10 Seconds
8000
Vpk
Resistance
10
G
Ω
Capacitance
10
pF
Leakage Current
VISO= 240VAC, 60Hz
1.2
2
µArms
OUTPUT
Rated Power
4W
Voltage Setpoint Accuracy
±3
±5
%
Temperature Coefficient
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
100
mVp-p
BW = 10Hz to 2MHz
20
mVrms
Line Regulation
High Line to Low Line
±1.5
%/% Vin
Load Regulation
See performance curves
GENERAL
Switching Frequency
100
kHz
Package Weight
22
g
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
TA = +25°C
200,000
Hr
TEMPERATURE
Specification
-25
+70
°C
Operation
-40
+85
°C
Storage
-40
+110
°C
COMMON SPECIFICATIONS
Specifications typical at TA = +25°C, nominal input voltage, rated output current unless otherwise noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com