Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA102M Datasheet(PDF) 2 Page - C&D Technologies

Part # DA102M
Description  Transformers for Digital Audio Data Transmission
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

DA102M Datasheet(HTML) 2 Page - C&D Technologies

  DA102M Datasheet HTML 1Page - C&D Technologies DA102M Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DA100 SERIES
Transformers for Digital Audio Data Transmission
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
8917 Glenwood Avenue, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2000
NMP DA100.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
MECHANICAL DIMENSIONS
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
6 Pin DIP
6 Pin SM
DA101
XYYWW
8.89
1
3
1
1
6
4
6.35
3.44±0.50
0.30
0.20
0.63
0.53
10.16
5.08
DA103M
XYYWW
9.52 max
Top View
Top View
8.89 max
6.35
0.90
12.70
0.30
0.20
0.63
0.53
2.54
1
2
3
6
5
4
2.54
Ø1.20
+0.15
–0.00
1.60
2.54
1.00
11.50
1
1
9.52



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com