Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS490N Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS490N
Description  DUAL DECADE COUNTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS490N Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS490N Datasheet HTML 1Page - Motorola, Inc SN74LS490N Datasheet HTML 2Page - Motorola, Inc SN74LS490N Datasheet HTML 3Page - Motorola, Inc SN74LS490N Datasheet HTML 4Page - Motorola, Inc SN74LS490N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LOGIC DIAGRAM (ONE HALF SHOWN)
MS
CP
MR
4
12
1
15
2
14
K
CD
J
SD
Q
K
CD
J
Q
K
CD
J
SD
Q
3 Q0 13
5 Q1 11
6 Q2 10
7 Q3 9
K
CD
J
Q
TRUTH TABLE
CP
5-563
FAST AND LS TTL DATA
DUAL DECADE COUNTER
The SN54 / 74LS490 contains a pair of high-speed 4-stage ripple counters.
Each half of the SN54 / 74LS490 has individual Clock, Master Reset and Mas-
ter Set (Preset 9) inputs. Each section counts in the 8, 4, 2, 1 BCD code.
• Dual Version of SN54/74LS490
• Individual Asynchronous Clear and Preset to 9 for Each Counter
• Count Frequency — Typically 65 MHz
• Input Clamp Diodes Limit High-Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
CPa
CPb MRb Q0b MSb
Q2b
Q1b
Q3b
MRa Q0a MSa Q1a Q2a Q3a GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
MS
Master Set (Set to 9) Input
0.5 U.L.
0.25 U.L.
MR
Master Reset
0.5 U.L.
0.25 U.L.
CP
Clock Input (Active LOW Going Edge)
1.5 U.L.
1.5 U.L.
Q0 – Q3
Counter Outputs (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial
(74) Temperature Ranges.
OUTPUTS
COUNT
Q3
Q2
Q1
Q0
0
L
L
L
L
1
L
L
L
H
2
L
L
H
L
3
L
L
H
H
4
L
H
L
L
5
L
H
L
H
6
L
H
H
L
7
L
H
H
H
8
H
L
L
L
9
H
L
L
H
SN54/74LS490
DUAL DECADE COUNTER
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - SN74LS490N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS490 TI-SN74LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
More results

Similar Description - SN74LS490N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
362Kb / 11P
DUAL DECADE COUNTER
Jul-2001
M74HC390 STMICROELECTRONICS-M74HC390 Datasheet
371Kb / 17P
Dual decade counter
21-Jul-2006
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com