Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU45E Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU45E
Description  SPU45E SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU45E Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU45E Datasheet HTML 1Page - MPS Industries, Inc. SPU45E Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU45E-100
02 ~ 03 VDC
8.00 A max
7%
24W
SPU45E-101
03 ~ 05 VDC
8.00 A max
5%
40W
SPU45E-102
05 ~ 06 VDC
8.00 ~ 6.66 A
5%
40W
SPU45E-103
06 ~ 08 VDC
7.00 ~ 5.25 A
5%
42W
SPU45E-104
08 ~ 11 VDC
5.63 ~ 4.00 A
5%
45W
SPU45E-105
11 ~ 13 VDC
4.00 ~ 3.46 A
5%
45W
SPU45E-106
13 ~ 16 VDC
3.46 ~ 2.81 A
5%
45W
SPU45E-107
16 ~ 21 VDC
3.12 ~ 2.38 A
5%
50W
SPU45E-108
21 ~ 27 VDC
2.30 ~ 1.85 A
5%
50W
SPU45E-109
27 ~ 33 VDC
1.85 ~ 1.51 A
5%
50W
SPU45E-110
33 ~ 40 VDC
1.51 ~ 1.25 A
5%
50W
SPU45E-111
40 ~ 50 VDC
1.25 ~ 1.00 A
5%
50W
SPU45E SERIES
50W Desk Top Switching Power Supplies For I.T.E.
Output Voltage And Current Rating Chart (Single Output) :
Mechanical Specifications:
Output Voltage And Current Rating Chart ( Multi Output ) :
Output #1
Output #2
Output #3
Model
Number
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Maximum
Output Power
SPU45E-200 +3.3V 0.7A
5A
8%
+12V
0.4A
2A
6%
40W
SPU45E-201
+5V
0.5A
5A
5%
+12V
0.3A
2A
5%
42W
SPU45E-202
+5V
0.8A
5A
5%
+15V
0.3A
1.5A
5%
42W
SPU45E-203
+5V
0.5A
5A
5%
+24V
0.2A
1A
5%
42W
SPU45E-204 +3.3V 0.8A
5A
7%
+5V
0.4A
2A
5%
26.5W
SPU45E-209
+12V
0.3A
3A
5%
-12V
0A
1A
5%
42W
SPU45E-210
+15V
0.5A
2A
5%
-15V
0.3A
1A
10%
42W
SPU45E-215
+5V
0.5A
5A
5%
-24V
0.1A
1A
10%
42W
SPU45E-216 +5.1V
0A
1A
5%
+7.2V 0.2A
2.6A
5%
23.82W
SPU45E-300 +3.3V 1.0A
5A
7%
+12V
0.3A
2A
5%
-12V 0.15A 0.8A
10%
42W
SPU45E-301
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-5V
0.16A 0.8A
10%
42W
SPU45E-302
+5V
0.6A
5A
5%
+12V 0.45A
2A
5%
-12V
0.2A
0.8A
10%
42W
SPU45E-303
+5V
0.5A
5A
5%
+15V
0.3A
2A
6%
-15V 0.16A 0.8A
10%
42W
SPU45E-304
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
-24V 0.10A 0.5A
10%
42W
SPU45E-305
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
-12V 0.16A 0.8A
10%
42W
SPU45E-306 +3.3V 0.5A
5A
7%
+12V
0.2A
2A
5%
-5V
0.16A 0.8A
10%
42W
Note:
1. Dimensions are shown in
mm.
2. Weight: 400-550gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mark "
" means " PSE approval "
Model -106 has PSE approval which is below 15V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com