Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900 Datasheet(HTML) 2 Page - Texas Instruments

  LP8900 Datasheet HTML 1Page - Texas Instruments LP8900 Datasheet HTML 2Page - Texas Instruments LP8900 Datasheet HTML 3Page - Texas Instruments LP8900 Datasheet HTML 4Page - Texas Instruments LP8900 Datasheet HTML 5Page - Texas Instruments LP8900 Datasheet HTML 6Page - Texas Instruments LP8900 Datasheet HTML 7Page - Texas Instruments LP8900 Datasheet HTML 8Page - Texas Instruments LP8900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Top View
Bottom View
B1
GND
VOUT 1
A2
VIN
B2
VOUT 2
C2
A1
VEN 1
B1
GND
C1
VEN 2
VOUT 2
C2
VOUT 1
A2
C1
VEN 2
A1
VEN 1
VIN
B2
LP8900
SNVS542C – MAY 2008 – REVISED JULY 2013
www.ti.com
Pin Descriptions
Pin No.
Symbol
Name and Function
A1
VEN 1
Enable Input; Enables the Regulator when
≥ 1.2V.
Disables the Regulator when
≤ 0.4V.
Enable Input has an internal 3-M
Ω pull-down resistor to GND.
B1
GND
Common Ground.
C1
VEN 2
Enable Input; Enables the Regulator when
≥ 1.2V.
Disables the Regulator when
≤ 0.4V.
Enable Input has an internal 3-M
Ω pull-down resistor to GND.
C2
VOUT 2
Voltage output. A Low ESR Ceramic Capacitor should be connected from this pin to GND.
(See Application Information)
Connect this output to the load circuit.
B2
VIN
Voltage Supply Input. A 1.0 µF capacitor should be connected from this pin to GND.
A2
VOUT 1
Voltage output. A Low ESR Ceramic Capacitor should be connected from this pin to GND.
(See Application Information)
Connect this output to the load circuit.
Table 1. Device Voltage Options
Base Part Number
VOUT1
VOUT2
LP8900TLE-3333
2.8V
2.8V
LP8900TLE-AAAH
2.7V
2.7V
LP8900TLE-AAEB
2.8V
2.7V
LP8900TLE-AAEC
2.8V
1.2V
Connection Diagram
Figure 1. 6-Bump Thin DSBGA, Large Bump
See package number YZR0006CZA
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com